Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC1815
Description  Audio Frequency General Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1815 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC1815 Datasheet HTML 1Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 2Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 3Page - Toshiba Semiconductor 2SC1815 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC1815
2007-11-01
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process)
2SC1815
Audio Frequency General Purpose Amplifier Applications
Driver Stage Amplifier Applications
High voltage and high current:
VCEO = 50 V (min),
IC = 150 mA (max)
• Excellent hFE linearity: hFE (2) = 100 (typ.)
at VCE = 6 V, IC = 150 mA
: hFE (IC = 0.1 mA)/hFE (IC = 2 mA)
= 0.95 (typ.)
• Low noise: NF = 1dB (typ.) at f = 1 kHz
• Complementary to 2SA1015 (O, Y, GR class)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
50
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 60 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
0.1
μA
hFE (1)
(Note)
VCE = 6 V, IC = 2 mA
70
⎯
700
DC current gain
hFE (2)
VCE = 6 V, IC = 150 mA
25
100
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
⎯
0.1
0.25
V
Base-emitter saturation voltage
VBE (sat)
IC = 100 mA, IB = 10 mA
⎯
⎯
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
80
⎯
⎯
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
2.0
3.5
pF
Base intrinsic resistance
rbb’
VCE = 10 V, IE = −1 mA
f
= 30 MHz
⎯
50
⎯
Ω
Noise figure
NF
VCE = 6 V, IC = 0.1 mA
f
= 1 kHz, RG = 10 kΩ
⎯
1.0
10
dB
Note: hFE classification O: 70~140, Y: 120~240, GR: 200~400, BL: 350~700
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Micro Electronics
2SC1815 MICRO-ELECTRONICS-2SC1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SC1815 TOSHIBA-2SC1815 Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
2SC1815 TOSHIBA-2SC1815 Datasheet
602Kb / 4P
Silicon NPN Epitaxial Type (PCT process)
01-Nov-2007
logo
Guangdong Kexin Industr...
2SC1815 KEXIN-2SC1815 Datasheet
142Kb / 2P
NPN Transistor
More results

Similar Description - 2SC1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
16-Jan-2002
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com