Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBURT0230LL-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBURT0230LL-HF
Description  Low Profile SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBURT0230LL-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBURT0230LL-HF Datasheet HTML 1Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 2Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 3Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
VZ, (V)
Fig.3 - VZ characteristic
Reverse voltage,VR (V)
0.2
0.0
0.0 01
0.4
0.3
0.1
Forward voltage, VF (mV)
Fig. 1 - Forward current vs.
RATING AND CHARACTERISTIC CURVES (CDBURT0230LL-HF)
Fig.4 - Current derating curve
QW-G1110
Comchip Technology CO., LTD.
REV:A
Low Profile SMD Schottky Barrier Diode
0.0 10
0.1 00
1.0 00
10.0 00
100.0 00
1000.0 00
O
Ta=25 C
O
Ta=125 C
Pulse test
1.0
10.0
100.0
1000.0
10000
1000000
Fig. 2 - Reverse current vs.
Reverse voltage
Forward voltage
O
Ta=50 C
O
Ta=100 C
O
Ta=75 C
100000
O
125 C
O
50 C
O
75 C
O
100 C
O
25 C
0
10
20
0
10
30
Reverse voltage, VR (V)
Fig.3 - Capacitance between
terminals characteristics
f = 1 MHz
Ta = 25 C
20
30
40
50
60
70
0
20
40
0
200
60
400
600
1000
800
O
125 C
O
50 C
O
75 C
O
25 C
O
100 C
O
Ambient temperature, ( C)
0
20
40
60
80
100
0
25
50
75
100
125
150
15
0
10
5
20
25
30
35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com