Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAV23C
Description  Dual high-voltage switching diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV23C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAV23C Datasheet HTML 2Page - NXP Semiconductors BAV23C Datasheet HTML 3Page - NXP Semiconductors BAV23C Datasheet HTML 4Page - NXP Semiconductors BAV23C Datasheet HTML 5Page - NXP Semiconductors BAV23C Datasheet HTML 6Page - NXP Semiconductors BAV23C Datasheet HTML 7Page - NXP Semiconductors BAV23C Datasheet HTML 8Page - NXP Semiconductors BAV23C Datasheet HTML 9Page - NXP Semiconductors BAV23C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BAV23_SER_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 19 March 2010
6 of 13
NXP Semiconductors
BAV23 series
Dual high-voltage switching diodes
8.
Test information
f=1MHz; Tamb =25 C
FR4 PCB, standard footprint
(1) Single diode loaded.
(2) Double diode loaded.
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
Fig 5.
Forward current as a function of ambient
temperature; derating curves
mbg447
04
8
6
2
VR (V)
1.0
0.8
0.2
0.6
0.4
Cd
(pF)
Tamb (°C)
0
200
150
50
100
006aab214
100
200
300
IF
(mA)
0
(2)
(1)
(1) IR =1mA
Fig 6.
Reverse recovery time test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com