Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5065 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5065
Description  VHF to UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5065 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5065 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5065 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5065 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5065 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5065 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5065 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5065 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5065
2008-12-05
4
S-Parameter
ZO = 50 Ω, Ta = 25°C
VCE = 5 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.753
−43.7
10.247
140.6
0.040
65.6
0.827
−22.6
400
0.531
−75.1
7.684
117.1
0.060
57.1
0.648
−30.3
600
0.384
−96.4
5.815
103.0
0.074
56.1
0.551
−32.0
800
0.305
−112.6
4.523
93.6
0.086
57.0
0.500
−32.3
1000
0.255
−126.5
3.788
86.3
0.099
58.9
0.472
−32.4
1200
0.224
−138.4
3.244
80.7
0.112
60.2
0.455
−32.2
1400
0.203
−150.1
2.833
75.4
0.127
60.3
0.442
−32.6
1600
0.187
−159.4
2.529
70.6
0.139
60.0
0.434
−33.0
1800
0.174
−166.5
2.283
66.7
0.150
60.3
0.429
−32.6
2000
0.176
−171.2
2.107
63.0
0.164
59.2
0.428
−32.2
VCE = 5 V, IC = 10 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.591
−58.0
14.955
129.6
0.034
64.3
0.714
−27.5
400
0.367
−90.3
9.581
107.5
0.052
61.9
0.534
−30.8
600
0.260
−110.7
6.781
96.1
0.067
63.9
0.462
−30.1
800
0.209
−126.9
5.207
88.6
0.083
65.2
0.428
−29.2
1000
0.178
−141.8
4.269
82.5
0.100
66.4
0.412
−28.6
1200
0.160
−153.7
3.618
77.7
0.117
66.7
0.403
−28.3
1400
0.150
−166.3
3.152
72.7
0.135
65.4
0.398
−28.8
1600
0.141
−175.2
2.801
68.7
0.149
64.0
0.393
−29.4
1800
0.130
178.2
2.521
65.0
0.163
63.4
0.392
−29.0
2000
0.133
174.0
2.314
61.7
0.179
61.3
0.395
−28.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com