Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5108 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5108
Description  For VCO Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5108 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5108 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5108
2010-02-17
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 5 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.684
−47.0
10.116
136.8
0.049
63.1
0.765
−29.5
400
0.438
−79.2
7.260
112.9
0.072
56.5
0.553
−37.8
600
0.301
−101.2
5.388
99.1
0.090
56.5
0.452
−39.1
800
0.226
−119.2
4.227
90.0
0.107
57.6
0.402
−39.0
1000
0.182
−136.2
3.494
82.7
0.124
58.8
0.374
−38.9
1200
0.159
−153.3
2.988
76.9
0.142
59.6
0.359
−39.4
1400
0.147
−170.3
2.632
71.2
0.163
59.9
0.348
−40.7
1600
0.145
174.4
2.345
66.0
0.182
59.2
0.339
−43.2
1800
0.149
162.6
2.128
61.4
0.200
58.4
0.329
−46.3
2000
0.161
150.9
1.967
57.1
0.219
58.1
0.318
−49.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com