Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5949 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5949
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5949 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5949 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5949 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5949 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5949 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5949
2006-11-16
3
12
0
8
12
16
20
4
6
8
10
0
2
4
0.1
5
10
1000
0.03
30
10
10
1
10
1
0.1
0.01
100
IC – VCE
IC– VBE
hFE – IC
VCE (sat) – IC
fT– IC
0.5
0
8
12
16
01.0
2.5
100
1000
0.1
1
10
10
100
0.1
1
Safe operating area
100
4
1.5
2.0
300
500
30
50
1
3
0.3
0.1
0.03
30
10
1
3
0.3
0.01
2
0.3
0.5
1
0.1
0.03
0.05
IB = 20 mA
Common emitter
Tc
= 25°C
500
400
200
300
100
50
Tc
= 100°C
25
−25
Common emitter
VCE = 5 V
Tc
= 100°C
25
−25
Common emitter
VCE = 5 V
Tc
= 100°C
25
−25
Common emitter
IC / IB = 10 V
Common emitter
Tc
= 25°C
VCE = 5 V
VCEO max
*:Single non-repetitive pulse
Tc = 25°C
Curves must be de-rated
linearly with increase in
temperature.
1 ms *
IC max (pulsed) *
10 ms *
IC max (continuous)
DC operation
Tc
= 25°C
100 ms *
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Collector-emitter voltage VCE (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com