Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC2907A Datasheet(PDF) 12 Page - STMicroelectronics

Part # SOC2907A
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2907A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SOC2907A Datasheet HTML 8Page - STMicroelectronics SOC2907A Datasheet HTML 9Page - STMicroelectronics SOC2907A Datasheet HTML 10Page - STMicroelectronics SOC2907A Datasheet HTML 11Page - STMicroelectronics SOC2907A Datasheet HTML 12Page - STMicroelectronics SOC2907A Datasheet HTML 13Page - STMicroelectronics SOC2907A Datasheet HTML 14Page - STMicroelectronics SOC2907A Datasheet HTML 15Page - STMicroelectronics SOC2907A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Radiation hardness assurance
2N2907AHR
12/21
DocID15382 Rev 6
Table 9. 2N2907ASW35 post radiation electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)CEO
Collector-Emitter
Breakdown voltage
I
C
= 10 mA
60
-
-
V
V
(BR)CBO
Collector-Base
Breakdown voltage
I
E
= 10 μA
60
-
-
V
V
(BR)EBO
Emitter-Base
Breakdown voltage
I
E
= 10 μA5
-
-
V
I
CEX
Collector-Emitter Cut-
off current
V
CE
= 30 V, V
EB
= 500 mV
-
-
50
nA
I
CBO
Collector-Base Cut-off
current
V
CB
= 50 V
-
-
10
nA
h
FE1
(1)
1.
@ 50 krad (Si)
Forward-Current
Transfer Ratio
V
CE
= 10 V, I
C
= 0.1 mA
50
-
-
-
h
FE1
(2)
2.
@ 70 krad (Si)
V
CE
= 10 V, I
C
= 0.1 mA
42
-
-
-
h
FE2
V
CE
= 10 V, I
C
= 10 mA
100
-
-
-
h
FE3
V
CE
= 10 V, I
C
= 150 mA
100
-
300
-
h
FE4
V
CE
= 10V, I
C
= 500 mA
50
-
-
-
V
CE(sat)
Collector-Emitter
Saturation voltage
I
C
=150 mA, I
B
= 15 mA
-
-
400
mV
V
BE(sat)
Base-Emitter
Saturation voltage
I
C
= 150 mA, I
B
= 15 mA
-
-
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com