Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907AHR Datasheet(PDF) 17 Page - STMicroelectronics

Part # 2N2907AHR
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button 2N2907AHR Datasheet HTML 13Page - STMicroelectronics 2N2907AHR Datasheet HTML 14Page - STMicroelectronics 2N2907AHR Datasheet HTML 15Page - STMicroelectronics 2N2907AHR Datasheet HTML 16Page - STMicroelectronics 2N2907AHR Datasheet HTML 17Page - STMicroelectronics 2N2907AHR Datasheet HTML 18Page - STMicroelectronics 2N2907AHR Datasheet HTML 19Page - STMicroelectronics 2N2907AHR Datasheet HTML 20Page - STMicroelectronics 2N2907AHR Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
5
Order codes
Table 14. Ordering information
Part number
Agency
specification
EPPL
Quality level
Radiation level
Package
Lead finish
Marking (1)
Packing
J2N2907AUB1
-
-
Engineering
Model JANS
-
UB
Gold
J2907AUB1
WafflePack
2N2907AUB1
-
-
Engineering
Model ESCC
-
UB
Gold
2N2907AUB1
WafflePack
SOC2907A
-
-
Engineering
Model ESCC
-
LCC-3
Gold
SOC2907A
WafflePack
JANS2N2907AUBG
MIL-PRF-
19500/291
-
JANS
-
UB
Gold
JS2907
WafflePack
JANS2N2907AUBT
MIL-PRF-
19500/291
-
JANS
-
UB
Solder Dip
JS2907
WafflePack
2N2907ARUBG
5202/001/06R
Target
ESCC
100 krad ESCC
UB
Gold
520200106R
WafflePack
2N2907ARUBT
5202/001/07R
Target
ESCC
100 krad ESCC
UB
Solder Dip
520200107R
WafflePack
2N2907AUB06SW35
(2)
5202/001/06
-
ESCC
100 krad SW
UB
Gold
520200106
WafflePack
2N2907AUB07SW35
(2)
5202/001/07
-
ESCC
100 krad SW
UB
Solder Dip
520200107
WafflePack
2N2907AUB06
5202/001/06
Target
ESCC
-
UB
Gold
520200106
WafflePack
2N2907AUB07
5202/001/07
Target
ESCC
-
UB
Solder Dip
520200107
WafflePack
SOC2907ARHRG
5202/001/04R
Yes
ESCC
100 krad ESCC
LCC-3
Gold
520200104R
WafflePack
SOC2907ARHRT
5202/001/05R
Yes
ESCC
100 krad ESCC
LCC-3
Solder Dip
520200105R
WafflePack
SOC2907ASW35
(2)
5202/001/04 or 05
(3)
-
ESCC
100 krad SW
LCC-3
Gold or
Solder Dip
520200104 or 05
(3)
WafflePack
SOC2907AHRB
5202/001/04 or 05
(3)
Yes
ESCC
-
LCC-3
Gold or
Solder Dip
520200104 or 05
(3)
WafflePack
2N2907ARHRG
5202/001/01R
-
ESCC
100 krad ESCC
TO-18
Gold
520200101R
Strip Pack
2N2907ARHRT
5202/001/02R
-
ESCC
100 krad ESCC
TO-18
Solder Dip
520200102R
Strip Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com