Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOC2907ASW35 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SOC2907ASW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2907ASW35 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SOC2907ASW35 Datasheet HTML 10Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 11Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 12Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 13Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 14Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 15Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 16Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 17Page - STMicroelectronics SOC2907ASW35 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Package mechanical data
2N2907AHR
14/21
DocID15382 Rev 6
Figure 9. UB drawings
Table 11. UB mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
1.16
1.42
C
0.46
0.51
0.56
D
0.56
0.76
0.96
E
0.92
1.02
1.12
F
1.95
2.03
2.11
G
2.92
3.05
3.18
I
2.41
2.54
2.67
J
0.42
0.57
0.72
K
1.37
1.52
1.67
L
0.41
0.51
0.61
M
2.46
2.54
2.62
N
1.81
1.91
2.01
r
0.20
r1
0.30
r2
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com