Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907ASW35 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N2907ASW35
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907ASW35 Datasheet(HTML) 5 Page - STMicroelectronics

  2N2907ASW35 Datasheet HTML 1Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 2Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 3Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 4Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 5Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 6Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 7Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 8Page - STMicroelectronics 2N2907ASW35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID15382 Rev 6
5/21
2N2907AHR
Electrical characteristics
21
2.2
ESCC electrical characteristics
C
obo
Output capacitance
(I
E
= 0)
V
CB
= 10 V
100 kHz
≤ f ≤ 1 MHz
-8
pF
C
ibo
Output capacitance
(I
E
= 0)
V
EB
= 2 V
100 kHz
≤ f ≤ 1 MHz
-30
pF
t
on
Turn-on time
V
CC
= 30 V, I
C
= 150 mA
I
B1
= 15 mA
-45
ns
t
off
Turn-off time
V
CC
= 30 V, I
C
= 150 mA
I
B1
= -I
B2
= 15 mA
-
300
ns
1.
Pulsed duration = 300 μs, duty cycle
≤ 2%
Table 4. JANS electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 5. ESCC electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
CBO
Collector cut-off
current (I
E
= 0)
V
CB
= 50 V,
V
CB
= 50 V, T
amb
= 150 °C
-
10
10
nA
μA
V
(BR)CBO
Collector-base
breakdown voltage
(I
E
= 0)
I
C
= 10 μA60
-
V
V
(BR)CEO
(1)
Collector-emitter
breakdown voltage
(I
B
= 0)
I
C
= 10 mA
60
-
V
V
(BR)EBO
Emitter-base
breakdown voltage
(I
C
= 0)
I
E
= 10 μA5
-
V
V
CE(sat)
(1)
Collector-emitter
saturation voltage
I
C
= 150 mA, I
B
= 15 mA
-
0.4
V
V
BE(sat)
(1)
Base-emitter
saturation voltage
I
C
= 150 mA, I
B
= 15 mA
0.87
1.3
V
h
FE
(1)
DC current gain
I
C
= 0.1 mA, V
CE
= 10 V
75
-
I
C
= 10 mA, V
CE
= 10 V
100
I
C
= 150 mA, V
CE
= 10 V
100
300
I
C
= 500 mA, V
CE
= 10 V
50
h
fe
Small signal current
gain
V
CE
= 20 V, I
C
= 20 mA
f = 100 MHz
2-
C
obo
Output capacitance
(I
E
= 0)
V
CB
= 10 V
100 kHz
≤ f ≤ 1 MHz
-8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com