Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2B68M2SC Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # DF2B68M2SC
Description  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B68M2SC Datasheet(HTML) 5 Page - Toshiba Semiconductor

  DF2B68M2SC Datasheet HTML 1Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 2Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 3Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 4Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 5Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 6Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 7Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DF2B6.8M2SC
5
9.
9.
9.
9. Clamp Voltage V
Clamp Voltage V
Clamp Voltage V
Clamp Voltage VC
C
C
C
- Peak Pulse Current (I
- Peak Pulse Current (I
- Peak Pulse Current (I
- Peak Pulse Current (IPP
PP
PP
PP
) (Note)
) (Note)
) (Note)
) (Note)
Fig.
Fig.
Fig.
Fig. 9.1
9.1
9.1
9.1 V
V
V
VC
C
C
C
- I
- I
- I
- IPP
PP
PP
PP
Fig.
Fig.
Fig.
Fig. 9.2
9.2
9.2
9.2 Based on IEC61000-4-5 8/20
Based on IEC61000-4-5 8/20
Based on IEC61000-4-5 8/20
Based on IEC61000-4-5 8/20 µ
µ
µ
µs pulse.
s pulse.
s pulse.
s pulse.
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
10.
10.
10.
10. Insertion Loss (S21) (Note)
Insertion Loss (S21) (Note)
Insertion Loss (S21) (Note)
Insertion Loss (S21) (Note)
Fig.
Fig.
Fig.
Fig. 10.1
10.1
10.1
10.1 S21 - f
S21 - f
S21 - f
S21 - f
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2012-08-21
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com