Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8002D Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND8002D
Description  3.3V / 5V ECL 2-Input Differential XOR/XNOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8002D Datasheet(HTML) 2 Page - ON Semiconductor

  AND8002D Datasheet HTML 1Page - ON Semiconductor AND8002D Datasheet HTML 2Page - ON Semiconductor AND8002D Datasheet HTML 3Page - ON Semiconductor AND8002D Datasheet HTML 4Page - ON Semiconductor AND8002D Datasheet HTML 5Page - ON Semiconductor AND8002D Datasheet HTML 6Page - ON Semiconductor AND8002D Datasheet HTML 7Page - ON Semiconductor AND8002D Datasheet HTML 8Page - ON Semiconductor AND8002D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8−Lead Pinout (Top View) and Logic Diagram
D0
Q
D1
D1
D0
Table 1. PIN DESCRIPTION
PIN
D0, D1, D0, D1
Q, Q
ECL Data Outputs
FUNCTION
ECL Data Inputs
D0*
D1*
D0**
D1**
Q
Q
LL
H
H
L
H
LH
H
L
H
L
HL
L
H
H
L
HH
L
L
L
H
Table 2. TRUTH TABLE
VCC
VEE
Positive Supply
Negative Supply
* Pins will default LOW when left open.
** Pins will default to 0.666% of VCC when left open.
EP
(DFN8 only) Thermal exposed pad
must be connected to a sufficient
thermal conduit. Electrically connect
to the most negative supply (GND) or
leave unconnected, floating open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
135 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com