Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K15FST5LFT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K15FST5LFT
Description  High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15FST5LFT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K15FST5LFT Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15FST5LFT Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15FST5LFT Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15FST5LFT Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15FST5LFT Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K15FS
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K15FS
High Speed Switching Applications
Analog Switching Applications
• Compact package suitable for high-density mounting
• Low ON-resistance
: Ron = 4.0 Ω (max) (@VGS = 4 V)
: Ron = 7.0 Ω (max) (@VGS = 2.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
30
V
Gate-Source voltage
VGSS
±20
V
DC
ID
100
Drain current
Pulse
IDP
200
mA
Drain power dissipation (Ta
= 25°C)
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Equivalent Circuit
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the
environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and
containers and other objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2H1B
Weight: 2.4 mg (typ.)
D P
1
2
3
12
3


Similar Part No. - SSM3K15FST5LFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K15FS TOSHIBA-SSM3K15FS Datasheet
139Kb / 5P
High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
More results

Similar Description - SSM3K15FST5LFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com