Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC424J600T-IPT Datasheet(PDF) 21 Page - Microchip Technology

Part # ENC424J600T-IPT
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600T-IPT Datasheet(HTML) 21 Page - Microchip Technology

Back Button ENC424J600T-IPT Datasheet HTML 17Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 18Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 19Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 20Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 21Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 22Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 23Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 24Page - Microchip Technology ENC424J600T-IPT Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 19
ENC424J600/624J600
3.2
Special Function Registers
The SFRs provide the main interface between the host
controller and the on-chip Ethernet controller logic.
Writing to these registers controls the operation of the
interface, while reading the registers allows the host
controller to monitor operations.
All registers are 16 bits wide. On the SPI and 8-bit PSP
interfaces, which are inherently byte-oriented, the
registers are split into separate high and low locations
which are designated by an “H” or “L” suffix, respec-
tively. All registers are organized in little-endian format
such that the low byte is always at the lower memory
address.
Some of the available addresses are unimplemented or
marked as reserved. These locations should not be
written to. Data read from reserved locations should be
ignored. Reading from unimplemented locations will
return ‘0’. When reading and writing to registers which
contain reserved bits, any rules stated in the register
definition should be observed.
The addresses of all user-accessible registers are
provided in Tables 3-1 through 3-6. A complete bit level
listing of the SFRs is presented in Table 3-7 (page 26).
3.2.1
E REGISTERS
SFRs with names starting with “E” are the primary
control and pointer registers. They configure and con-
trol all of the (non-MAC) top-level features of the
device, as well as manipulate the pointers that define
the memory buffers. These registers can be read and
written in any order, with any length, without concern
for address alignment.
3.2.2
MAC REGISTERS
SFRs with names that start with “MA” or “MI” are
implemented in the MAC module hardware. For this
reason, their operation differs from “E” registers in two
ways.
First, MAC registers support read and write operations
only. Individual bit set and bit clear operations cannot
be performed.
Additionally, MAC registers must always be written as
a 16-bit word, regardless of the I/O interface being
used. That is, on the SPI or 8-bit PSP interfaces, all
write operations must be performed by writing to the
low byte, followed by a write to the associated high
byte. On 16-bit PSP interfaces, both write enables or
byte selects must be asserted to perform the 16-bit
write. Non-sequential writes, such as writing to the low
byte of one MAC register, the low byte of a second
MAC register and then the high byte of the first register
cannot be performed.
3.2.3
SPI REGISTER MAP
As previously described, the SFR memory is
partitioned into four banks plus a special region that is
not bank addressable. Each bank is 32 bytes long and
addressed by a 5-bit address value. All SFR memory
may also be accessed via unbanked SPI opcodes
which use a full 8-bit address to form a linear address
map without banking.
The last 10 bytes (16h to 1Fh) of all SPI banks point to
a common set of five registers: EUDAST, EUDAND,
ESTAT, EIR and ECON1. These are key registers used
in controlling and monitoring the operation of the
device. Their common banked addresses allow easy
access without switching the bank.
The SPI interface implements a comprehensive
instruction set that allows for reading and writing of
registers, as well as setting and clearing individual bits
or bit fields within registers. The SPI instruction set is
explained in detail in Section 4.0 “Serial Peripheral
Interface (SPI)”.
The SFR map for the SPI interface is shown in
Table 3-1. Registers are presented by a bank. The
banked (5-bit) address applicable to the registers in
each row is shown in the left most column. The
unbanked (8-bit) address for each register is shown to
the immediate left of the register name.
Note:
SFRs in the unbanked region (80h through
9Fh) cannot be accessed using banked
addressing. The use of an unbanked SFR
opcode is required to perform operations
on these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com