Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR124-330-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # DR124-330-R
Description  DR124 Series Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DR124-330-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  DR124-330-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DR124-330-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DR124-330-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DR124 Series
Low Profile Power Inductors
Core Loss
1MHz
100kHz
200kHz
300kHz
500kHz
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
1000
Bp-p (m T)
11
DR124-###
wwllyy R
4.0
Ko=5.2 mm
B1=10 mm
A1=10mm
Bo=13.2 mm
Ao=13.2 mm
Bo
Ko
SECTION A-A
B1
1.5 dia
+0.1/-0.0
1.5 dia
min
A
1.75
A
User direction of feed
24.0
Ao
A1
12.6
16.0
Parts packaged on 13" Diameter reel,
750 parts per reel.
Packaging Information
Dimensions are in millimeters.
wwlly = Date code, R = Revision level.
12.50
Max
4.5
Max
21
DR124-###
wwllyy R
10
SCHEMATIC
2
BOTTOM VIEW
5.00
Typ
2.05
Typ.
1
12.50
Max
2
FRONT VIEW
TOP VIEW
5.50
2.65
1
12.9
RECOMMENDED PCB LAYOUT
Mechanical Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com