Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR124-390-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # DR124-390-R
Description  DR124 Series Low Profile Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DR124-390-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  DR124-390-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DR124-390-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DR124-390-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 125°C maximum total temperature operation
• Low profile surface mount inductor
• 12.5mm x 12.5mm x 4.5mm shielded drum core
• Ferrite core material
• Inductance range from 0.47µH to 1000µH
• Current range from 24.4 Amps to 0.44 Amps
• Frequency range up to 1MHz
Applications
• Notebook power, LCD panels
• Computer, DVD players, and portable power devices
• DC-DC converters
• Buck, boost, forward, and resonant converters
• Noise filtering and filter chokes
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 750 per reel
DR124 Series
Low Profile Power Inductors
Part Number
Rated
OCL (1)
Irms(2)
Isat (3)
DCR
DCR
K-factor
Inductance
µH±20%
Amperes
Amperes
m
Ω
Ω @20°C
m
Ω
Ω @20°C
(4)
(µH)
(Typical)
(Maximum)
DR124-R47-R
0.47
0.42
16.0
24.40
2.2
2.7
17.51
DR124-1R0-R
1.0
0.83
13.9
18.00
3.00
3.6
12.50
DR124-1R5-R
1.5
1.37
11.1
14.00
4.75
5.7
9.73
DR124-2R2-R
2.2
2.04
9.1
11.45
5.92
7.1
7.96
DR124-3R9-R
3.9
3.80
7.0
8.40
12.50
15.0
5.84
DR124-4R7-R
4.7
4.88
6.5
7.65
13.50
16.2
5.15
DR124-6R8-R
6.8
6.10
5.6
6.47
18.06
21.7
4.61
DR124-8R2-R
8.2
7.45
5.2
6.22
21.67
26.0
4.17
DR124-100-R
10
8.94
4.5
5.80
23.33
28.0
3.81
DR124-120-R
12
11.5
4.1
4.96
31.67
38.0
3.50
DR124-150-R
15
14.2
3.6
4.62
37.30
44.8
3.02
DR124-180-R
18
16.2
3.4
4.32
46.97
56.4
2.82
DR124-220-R
22
20.7
3.2
3.83
53.99
64.8
2.50
DR124-270-R
27
25.7
2.8
3.44
66.67
80.0
2.24
DR124-330-R
33
31.2
2.6
3.12
80.83
97.0
2.04
DR124-390-R
39
37.3
2.3
2.85
110.00
132.0
1.86
DR124-470-R
47
44.0
2.2
2.63
124.66
149.6
1.72
DR124-560-R
56
54.9
2.0
2.35
144.32
173.2
1.54
DR124-680-R
68
67.1
1.8
2.13
183.33
220.0
1.39
DR124-820-R
82
80.5
1.7
1.94
212.72
255.3
1.27
DR124-101-R
100
95.1
1.5
1.79
256.67
308.0
1.17
DR124-121-R
120
111
1.3
1.65
311.18
373.4
1.08
DR124-151-R
150
146
1.3
1.44
371.02
445.2
0.94
DR124-181-R
180
179
1.1
1.30
501.66
602.0
0.87
DR124-221-R
220
216
1.0
1.15
558.00
669.6
0.77
DR124-271-R
270
256
0.88
1.09
725.00
870.0
0.71
DR124-331-R
330
327
0.83
0.92
825.00
990.0
0.63
DR124-471-R
470
460
0.68
0.74
1242.50
1491.0
0.53
DR124-681-R
680
669
0.56
0.65
1845.83
2215.0
0.45
DR124-821-R
820
825
0.53
0.62
2109.17
2351.0
0.40
DR124-102-R
1000
998
0.44
0.53
2898.00
3477.00
0.37
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.25V, 0.0Adc.
(2) Irms: DC current for an approximate ³T of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 125°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 25% rolloff (@25°C)
(4) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*³I, B p-p(mT), K: (K factor from table), L: (Inductance in µH),
³I (Peak to peak ripple current in Amps).
(5) Part Number Definition: DR124-xxx-R
DR124 = Product code and size; -xxx = Inductance value in uH;
R = decimal point; If no R is present, third character = # of zeros.
-R suffix = RoHS compliant


Similar Part No. - DR124-390-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DR124-390-R EATON-DR124-390-R Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
More results

Similar Description - DR124-390-R

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com