Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8P-1C4TP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8P-1C4TP
Description  Up to 30 A switching capacity in compact package.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1C4TP Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8P-1C4TP Datasheet HTML 1Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 2Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 3Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 4Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 5Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 6Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 7Page - Omron Electronics LLC G8P-1C4TP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
248
Power PCB Relay
G8PT
■ Coil Data
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The “Maximum Voltage is the maximum voltage that can be applied to the relay coil.
■ Characteristics
Note: 1. Data shown are of initial value. Operate and release times excluding bounce.
2. Measurement conditions: Measured at the same points as the dielectric strength using a 500 VDC ohmmeter.
3. Please vent sealed relays after processing in order to achieve rated electrical service life, by removing the vent nib.
■ Characteristic Data
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
% of rated voltage
5
185
27
75% max.
10% min.
120% max.
Approx. 900
993
97
12
77
155
24
36
660
48
19
2,480
110
9
12,400
Contact resistance
100 m
Ω max. (measured with 5 VDC, 1 A, voltage drop method)
Operate time
15 ms. max. (-BG: 20 ms max.)
Release time
10 ms. max.
Insulation resistance (See note 2)
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 minute (between coil and contacts), (-BG: 4,000 VAC)
1,500 VAC, 50/60 Hz for 1 minute (between contacts of the same polarity)
Impulse surge withstand
6,000 V between coil and contacts (1.2/50
μs)
Vibration resistance
Destruction
10 to 55 Hz, 1.65 mm double amplitude for 2 hours
(-BG: 10 to 55 Hz, 1.5 mm double amplitude for 2 hours)
Malfunction
10 to 55 Hz, 1.65 mm double amplitude for 5 minutes
Shock resistance
Destruction
1,000 m/s2 (approx. 100 G)
Malfunction
100 m/s2 (approx. 10 G)
Ambient operating temperature
-55
° to 105°C, cold coil condition (with no icing)
-55
° to 85°C, hot coil condition (hot start) (with no icing)
Ambient operating humidity
5% to 85% RH
Service life
Mechanical
10 million operations minimum at 18,000 ops/hour. (-BG: 5 million operations min.)
Electrical
100,000 operations approx. at 360 ops/hr. (-BG: 40,000 operations min.)
Weight
Approx. 24 g to 31 g
AC resistive load
(-BG type)
Maximum switching capacity
SPST-NO
Rated operating voltage (V)
SPDT
Rated operating voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com