Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2036-30-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2036-30-SM-RPLF
Description  2036-xx-SM Precision Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-30-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2036-30-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-30-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-30-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ Balanced Mini-TRIGARD™ Series
(5 mm diameter, 7.3 mm length)
■ Ideal for board level protection of
broadband circuits
■ Leadless, surface mount for economical
assembly
■ Stable breakdown throughout life
■ High surge current rating, low insertion loss
■
UL Recognized
■ RoHS compliant* version available
Characteristics
2036-xx-SM Precision Gas Discharge Tube Surge Protector
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12, IEEE C62.31
Impulse Transverse Delay ............................... 100 V/
μs............................................................< 75 ns
Insulation Resistance (IR) ............................... 100 V (50 V for Model 2036-07 & 2036-09)......> 1010
Ω
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 0.5 A
Capacitance..................................................... 1 MHz ...............................................................< 2 pF
DC Holdover Voltage1 .................................... >135 V, (52 V for Model 2036-07, & -09, ..........< 150 ms
......................................................................... 80 V for Model 2036-15)
Impulse Discharge Current.............................. 20000 A, 8/20 µs2 .............................................
1 operation minimum
10000 A, 8/20 µs...............................................> 10 operations
200 A, 10/1000 µs ............................................> 300 operations
2000 A, 10/350 µs.............................................
1 operation
200 A, 10/700 µs ..............................................> 500 operations
Alternating Discharge Current ......................... 20 Arms, 1 s2 ....................................................
1 operation minimum
10 Arms, 1 s......................................................> 10 operations
Operating Temperature...............................................................................................................
-55 to +85 °C
Climatic Category (IEC 60068-1)................................................................................................
40/90/21
Notes:
•
UL Recognized component, UL File E153537.
• No model number marking on tube; date code and voltage only: month year digits, xxxV (e.g. 0209 400V).
•
The rated discharge current for Mini-TRIGARD™ GDTs is the total current equally divided between each line to ground.
•
Surface Mount (SM) parts may show a temporary increase in DCBD after the solder reflow process. Most devices will recover within 24
hours time. It should be noted that there is no quality defect nor change in protection levels during the temporary change in DCBD.
•
Sparkover limits after life ±25 % (-25 %,+30 % for Model 2036-07, 2036-09 and 2036-60), IR >108
Ω.
•
Operating characteristics per RUS PE-80 and Telcordia GR 1361 available on request.
•
Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.
•
At delivery AQL 0.65 Level II, DIN ISO 2859.
1 Network applied.
2 DC Sparkover may exceed ±25 % but will continue to protect without venting.
Bourns now offers a surface mount (SM) 3-electrode Gas Discharge Tube (GDT) surge protection device. The industry-leading quality
and features of the Bourns® miniature 2036 TRIGARD™ series GDT continues in this new SM version for “pick and place”
manufacturing techniques. The 2036 SM device is ideal for board level protection of high bandwidth applications such as xDSL,
cable broadband and high speed Ethernet, due to its high energy handling capability, long and stable life performance and low
capacitance of less than 2 pF. Bourns subminiature family of GDTs measure only 5 mm in diameter and are the smallest high
performance GDTs in the telecom industry. Bourns® GDTs are designed to prevent damage from transient disturbances by acting as
a “crowbar” in creating a short-to-ground circuit during conduction. When a voltage transient surge exceeds the defined breakdown
voltage level of the GDT, the device becomes ionized and conduction takes place within a fraction of a microsecond. When the surge
passes and system voltage returns to normal levels, the GDT returns to its high-impedance (off) state.
Characteristic
Model No.
2036-07
2036-09
2036-15
2036-20
2036-23
2036-25
DC Sparkover ±20 % @ 100 V/s
75 V
90 V
150 V
200 V
230 V
250 V
Impulse Sparkover
100 V/µs
1000 V/µs
250 V
525 V
250 V
550 V
350 V
500 V
425 V
575 V
450 V
600 V
475 V
625 V
Characteristic
Model No.
2036-30
2036-35
2036-40
2036-42
2036-47
2036-60
DC Sparkover ±20 % @ 100 V/s
300 V
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover
100 V/µs
1000 V/µs
500 V
650 V
600 V
750 V
650 V
825 V
675 V
850 V
750 V
950 V
850 V
1100 V


Similar Part No. - 2036-30-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-30-SM-RPLF BOURNS-2036-30-SM-RPLF Datasheet
250Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-30-SM-RPLF BOURNS-2036-30-SM-RPLF Datasheet
232Kb / 3P
Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2036-30-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
257Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2027-35-SMLF BOURNS-2027-35-SMLF Datasheet
187Kb / 2P
2027-xx-SM Precision Gas Discharge Tube Surge Protector
2035-60-SM-RPLF BOURNS-2035-60-SM-RPLF Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-15-SM-RPLF BOURNS-2036-15-SM-RPLF Datasheet
250Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-07-B2LF BOURNS-2036-07-B2LF Datasheet
245Kb / 2P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-35-SM BOURNS-2035-35-SM Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com