Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6132HEU Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6132HEU
Description  High Voltage, 300KHz Synchronous PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132HEU Datasheet(HTML) 2 Page - Sipex Corporation

  SP6132HEU Datasheet HTML 1Page - Sipex Corporation SP6132HEU Datasheet HTML 2Page - Sipex Corporation SP6132HEU Datasheet HTML 3Page - Sipex Corporation SP6132HEU Datasheet HTML 4Page - Sipex Corporation SP6132HEU Datasheet HTML 5Page - Sipex Corporation SP6132HEU Datasheet HTML 6Page - Sipex Corporation SP6132HEU Datasheet HTML 7Page - Sipex Corporation SP6132HEU Datasheet HTML 8Page - Sipex Corporation SP6132HEU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date:2/14/06
SP6132H High Voltage, Synchronous PWM Controller
© Copyright 2006 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
QUIESCENT CURRENT
VCC Supply Current
1.5
3
mA
♦
VFB = 0.9V (No switching)
BST Supply Current
0.2
0.4
mA
♦
VFB = 0.9V (No switching)
PROTECTION: UVLO
VCC UVLO Start Threshold
4.00
4.25
4.5
V
VCC UVLO Hysteresis
100
200
300
mV
UVIN Start Threshold
2.3
2.5
2.65
V
UVIN Hysteresis
200
300
400
mV
UVIN Input Current
1
µA
UVIN = 3.0V
ERROR AMPLIFIER REFERENCE
Error Amplifier Reference
0.792
0.800
0.808
V
2X Gain Config., Measure VFB
Error Amplifier Reference
0.788
0.800
0.812
V
♦
Over Line and Temperature
Error Amplifier Transconductance
6
ms
Error Amplifier Gain
60
dB
No Load
COMP Sink Current
150
µAVFB = 0.9V, COMP = 0.9V
COMP Source Current
150
µAVFB = 0.7V, COMP = 2.2V
VFB Input Bias Current
50
200
nA
♦
VFB = 0.8V
Internal Pole
4
MHz
COMP Clamp
2.5
V
VFB=0.7V, TA = 25°C
COMP Clamp Temp. Coefficient
-2
mV/°C
CONTROL LOOP: PWM COMPARATOR, RAMP & LOOP DELAY PATH
Ramp Amplitude
0.92
1.1
1.28
V
♦
RAMP Offset
1.1
V
TA = 25°C, RAMP COMP
until GH starts switching
RAMP Offset Temp. Coefficient
-2
mV/°C
GH Minimum Pulse Width
90
180
ns
Maximum Controllable Duty Ratio
92
97
%
♦
Maximum Duty Ratio Measured just
before pulse skipping begins
Maximum Duty Ratio
100
%
Valid for 20 Cycles
Internal Oscillator Frequency
255
300
345
kHz
240
300
360
♦
ELECTRICAL SPECIFICATIONS
Unless otherwise specified: 0°C < TAMB < 70°C, 4.5V < VCC < 5.5V, BST=VCC,SWN = GND = ZeroV, UVIN = 3.0V, CVCC =
10µF, CCOMP = 0.1µF, CGH = CGL = 3.3nF, CSS = 50nF, Typical measured at VCC=5V. The ♦ denotes the specifications
which apply over the -40°C to 85°C temperature range, unless otherwise specified.
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
VCC .................................................................................................. 7V
BST ............................................................................................... 33V
BST-SWN ......................................................................... -0.3V to 7V
SWN ................................................................................... -1V to 30V
GH ......................................................................... -0.3V to BST+0.3V
GH-SWN ......................................................................................... 7V
All other pins .......................................................... -0.3V to VCC+0.3V
Peak Output Current < 10us
GH,GL ............................................................................................. 2A
Storage Temperature .................................................. -65°C to 150°C
Power Dissipation .......................................................................... 1W
Lead Temperature (Soldering, 10 sec) ...................................... 300°C
ESD Rating .......................................................................... 2kV HBM
Thermal Resistance ............................................................. 41.9°C/W
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com