Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8205 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8205
Description  Bidirectional, Zero Drift, Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices AD8205 Datasheet HTML 15Page - Analog Devices AD8205 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD8418
APPLICATIONS INFORMATION
MOTOR CONTROL
3-Phase Motor Control
The AD8418 is ideally suited for monitoring current in 3-phase
motor applications.
The 250 kHz typical bandwidth of the AD8418 allows
instantaneous current monitoring. Additionally, the typical
low offset drift of 0.1 µV/°C means that the measurement error
between the two motor phases is at a minimum over temperature.
The AD8418 rejects PWM input common-mode voltages in the
−2 V to +70 V (with a 5 V supply) range. Monitoring the current
on the motor phase allows sampling of the current at any point
and provides diagnostic information such as a short to GND
and battery. Refer to Figure 33 for the typical phase current
measurement setup with the AD8418.
H-Bridge Motor Control
Another typical application for the AD8418 is as part of the
control loop in H-bridge motor control. In this case, the shunt
resistor is placed in the middle of the H-bridge so that it can
accurately measure current in both directions by using the
shunt available at the motor (see Figure 32). Using an amplifier
and shunt in this location is a better solution than a ground
referenced op amp because ground is not typically a stable
reference voltage in this type of application. The instability of
the ground reference causes inaccuracies in the measurements
that can be made with a simple ground referenced op amp. The
AD8418 measures current in both directions as the H-bridge
switches and the motor changes direction. The output of the
AD8418 is configured in an external referenced bidirectional
mode (see the Bidirectional Operation section).
AD8418
+IN
SHUNT
MOTOR
VREF1
VS
OUT
–IN
GND
5V
CONTROLLER
VREF2
NC
5V
2.5V
Figure 32. H-Bridge Motor Control
AD8418
BIDIRECTIONAL CURRENT MEASUREMENT
REJECTION OF HIGH PWM COMMON-MODE VOLTAGE (–2V TO +70V)
AMPLIFICATION
HIGH OUTPUT DRIVE
AD8214
INTERFACE
CIRCUIT
V+
IU
IV
IW
V–
OPTIONAL
PART FOR
OVERCURRENT
PROTECTION AND
FAST (DIRECT)
SHUTDOWN OF
POWER STAGE
AD8418
CONTROLLER
5V
5V
M
Figure 33. 3-Phase Motor Control
Rev. 0 | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com