Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7281 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 9Page - Analog Devices ADV7281 Datasheet HTML 10Page - Analog Devices ADV7281 Datasheet HTML 11Page - Analog Devices ADV7281 Datasheet HTML 12Page - Analog Devices ADV7281 Datasheet HTML 13Page - Analog Devices ADV7281 Datasheet HTML 14Page - Analog Devices ADV7281 Datasheet HTML 15Page - Analog Devices ADV7281 Datasheet HTML 16Page - Analog Devices ADV7281 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 13 of 32
24 AIN5
23 AIN4
22 AIN3
21 AVDD
20 VREFN
19 VREFP
18 AIN2
17 AIN1
1
2
3
4
5
6
7
8
DGND
DVDDIO
DVDD
DGND
INTRQ
GPO2
GPO1
GPO0
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO DGND.
ADV7281-MA
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration, ADV7281-MA
Table 11. Pin Function Descriptions, ADV7281-MA
Pin No.
Mnemonic
Type
Description
1, 4
DGND
Ground
Ground for Digital Supply.
2
DVDDIO
Power
Digital I/O Power Supply (3.3 V).
3
DVDD
Power
Digital Power Supply (1.8 V).
5
INTRQ
Output
Interrupt Request Output. An interrupt occurs when certain signals are detected on the
input video.
6 to 8
GPO2 to
GPO0
Output
General-Purpose Outputs. These pins can be configured via I2C to allow control of external
devices.
9
D0P
Output
Positive MIPI Differential Data Output.
10
D0N
Output
Negative MIPI Differential Data Output.
11
CLKP
Output
Positive MIPI Differential Clock Output.
12
CLKN
Output
Negative MIPI Differential Clock Output.
13
MVDD
Power
MIPI Digital Power Supply (1.8 V).
14
XTALP
Output
Connect this pin to the external 28.63636 MHz crystal, or leave it unconnected if an external
1.8 V, 28.63636 MHz clock oscillator source is used to clock the ADV7281-MA. The crystal
used with the ADV7281-MA must be a fundamental crystal.
15
XTALN
Input
Input Pin for the External 28.63636 MHz Crystal. The crystal used with the ADV7281-MA
must be a fundamental crystal. If an external 1.8 V, 28.63636 MHz clock oscillator source
is used to clock the ADV7281-MA, the output of the oscillator is fed into the XTALN pin.
16
PVDD
Power
PLL Power Supply (1.8 V).
17, 18, 22,
23, 24, 25,
26, 27
AIN1 to AIN8
Input
Analog Video Input Channels.
19
VREFP
Output
Internal Voltage Reference Output.
20
VREFN
Output
Internal Voltage Reference Output.
21
AVDD
Power
Analog Power Supply (1.8 V).
28
RESET
Input
System Reset Input (Active Low). A minimum low reset pulse width of 5 ms is required to
reset the ADV7281-MA circuitry.
29
ALSB
Input
This pin selects the I2C write address for the ADV7281-MA. When ALSB is set to Logic 0, the
write address is 0x40; when ALSB is set to Logic 1, the write address is 0x42.
30
SDATA
Input/output
I2C Port Serial Data Input/Output.
31
SCLK
Input
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
32
PWRDWN
Input
Power-Down Pin. A logic low on this pin places the ADV7281-MA in power-down mode.
EPAD (EP)
Exposed Pad. The exposed pad must be connected to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com