Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7282 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7282
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7282 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7282 Datasheet HTML 9Page - Analog Devices ADV7282 Datasheet HTML 10Page - Analog Devices ADV7282 Datasheet HTML 11Page - Analog Devices ADV7282 Datasheet HTML 12Page - Analog Devices ADV7282 Datasheet HTML 13Page - Analog Devices ADV7282 Datasheet HTML 14Page - Analog Devices ADV7282 Datasheet HTML 15Page - Analog Devices ADV7282 Datasheet HTML 16Page - Analog Devices ADV7282 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADV7282
Rev. A | Page 13 of 32
THEORY OF OPERATION
The ADV7282/ADV7282-M are versatile one-chip, multiformat
video decoders. The ADV7282/ADV7282-M automatically
detect standard analog baseband video signals compatible with
worldwide NTSC, PAL, and SECAM standards in the form of
composite, S-Video, and component video.
The ADV7282 converts the analog video signals into an 8-bit
YCrCb 4:2:2 video data stream that is compatible with the 8-bit
ITU-R BT.656 interface standard.
The ADV7282-M converts the analog video signals into an 8-bit
YCrCb 4:2:2 video data stream that is output over a MIPI CSI-2
interface.
The MIPI CSI-2 output interface connects to a wide range of
video processors and FPGAs. The accurate 10-bit analog-to-digital
conversion provides professional quality video performance for
consumer applications with true 8-bit data resolution.
The analog video inputs of the ADV7282/ADV7282-M accept
single-ended, pseudo differential, and fully differential composite
video signals, as well as S-Video and YPrPb video signals,
supporting a wide range of consumer and automotive video
sources.
In differential CVBS mode, the ADV7282/ADV7282-M, along
with an external resistor divider, provides a common-mode
input range of up to 4 V, enabling the removal of large signal,
common-mode transients present on the video lines.
The advanced interlaced-to-progressive (I2P) function allows
the ADV7282/ADV7282-M to convert an interlaced video
input into a progressive video output. This function is per-
formed without the need for external memory. The ADV7282/
ADV7282-M uses edge adaptive technology to minimize video
defects on low angle lines.
The automatic gain control (AGC) and clamp restore circuitry
allows an input video signal peak-to-peak range of 0 V to 1.0 V
at the analog video input pins of the ADV7282/ADV7282-M.
Alternatively, the AGC and clamp restore circuitry can be
bypassed for manual settings.
AC coupling of the input video signals provides short-to-battery
(STB) protection. STB diagnostics can be performed on two
input video signals.
The ADV7282/ADV7282-M support a number of other functions,
including 8-bit to 6-bit down dither mode and adaptive contrast
enhancement (ACE).
The ADV7282/ADV7282-M are programmed via a 2-wire, serial
bidirectional port (I2C compatible) and is fabricated in a 1.8 V
CMOS process. The monolithic CMOS construction of the
ADV7282/ADV7282-M ensures greater functionality with
lower power dissipation. The LFCSP package option makes the
decoder ideal for space-constrained portable applications.
ANALOG FRONT END (AFE)
The analog front end (AFE) of the ADV7282/ADV7282-M
comprises a single high speed, 10-bit ADC that digitizes the
analog video signal before applying it to the standard definition
processor (SDP). The AFE uses differential channels to the
ADC to ensure high performance in mixed-signal applications
and to enable differential CVBS inputs to be connected directly
to the ADV7282/ADV7282-M.
The AFE also includes an input mux that enables multiple video
signals to be applied to the ADV7282/ADV7282-M. The input
mux allows up to four composite video signals to be applied to the
ADV7282 and up to six composite video signals to be applied to
the ADV7282-M.
Current clamps are positioned in front of the ADC to ensure
that the video signal remains within the range of the converter.
A resistor divider network is required before each analog input
channel to ensure that the input signal is kept within the range
of the ADC (see the Input Networks section). Fine clamping of
the video signal is performed downstream by digital fine clamp-
ing within the ADV7282/ADV7282-M.
Table 11 lists the three ADC clock rates that are determined by
the video input format to be processed. These clock rates ensure
4× oversampling per channel for CVBS, Y/C, and YPrPb modes.
Table 11. ADC Clock Rates
Input Format
ADC Clock Rate (MHz)1
Oversampling
Rate per Channel
CVBS
57.27
4×
Y/C (S-Video)
114
4×
YPrPb
172
4×
1
Based on a 28.63636 MHz crystal between the XTALP and XTALN pins.
The fully differential AFE of the ADV7282/ADV7282-M
provides inherent small and large signal noise rejection,
improved electromagnetic interference (EMI) protection,
and the ability to absorb ground bounce. Support is provided
for both true differential and pseudo differential signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com