Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538ADZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD538ADZ
Description  Real-Time Analog Computational Unit (ACU)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538ADZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD538ADZ Datasheet HTML 4Page - Analog Devices AD538ADZ Datasheet HTML 5Page - Analog Devices AD538ADZ Datasheet HTML 6Page - Analog Devices AD538ADZ Datasheet HTML 7Page - Analog Devices AD538ADZ Datasheet HTML 8Page - Analog Devices AD538ADZ Datasheet HTML 9Page - Analog Devices AD538ADZ Datasheet HTML 10Page - Analog Devices AD538ADZ Datasheet HTML 11Page - Analog Devices AD538ADZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD538
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
5
1000
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
OFFSET
% OF READING
Figure 3. Multiplier Error vs. Temperature (100 mV < VX, VY, VZ ≤ 10 V)
5
1000
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
OFFSET
% OF READING
Figure 4. Divider Error vs. Temperature (100 mV < VX, VY, VZ ≤ 10 V)
1000
100
10
1
100
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
VX = 10V
VY = 0V
VZ = 5V +5V SIN ωt VOLTS
Figure 5. VZ Feedthrough vs. Frequency
1M
100k
400k
10k
40k
0.01
0.1
1
10
DENOMINATOR VOLTAGE, VX – V dc
VY = 10V dc
VZ = VX +0.05 VX SIN ωt
Figure 6. Small Signal Bandwidth vs. Denominator Voltage (One-Quadrant
Mult/Div)
5
6
1000
1200
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
% OF READING
OFFSET
Figure 7. Multiplier Error vs. Temperature (10 mV < VX, VY, VZ ≤ 100 mV)
5
1000
800
600
400
200
0
4
3
2
1
0
–55 –40
–20
0
20
40
60
80
100
125
TEMPERATURE (°C)
% OF READING
OFFSET
Figure 8. Divider Error vs. Temperature (10 mV < VX, VY, VZ ≤ 100 mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com