Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HPZ Datasheet(PDF) 11 Page - Analog Devices

Part # REF02HPZ
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button REF02HPZ Datasheet HTML 7Page - Analog Devices REF02HPZ Datasheet HTML 8Page - Analog Devices REF02HPZ Datasheet HTML 9Page - Analog Devices REF02HPZ Datasheet HTML 10Page - Analog Devices REF02HPZ Datasheet HTML 11Page - Analog Devices REF02HPZ Datasheet HTML 12Page - Analog Devices REF02HPZ Datasheet HTML 13Page - Analog Devices REF02HPZ Datasheet HTML 14Page - Analog Devices REF02HPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 11 of 20
TIME (2ms/DIV)
VOUT 5V/DIV
NO LOAD CAPACITOR
NO INPUT CAPACITOR
10V
8V
Figure 25. REF02 Line Transient Response
TIME (1ms/DIV)
LOAD = 5mA
VOUT 100mV/DIV
VIN 5V/DIV
NO LOAD CAPACITOR
LOAD OFF
LOAD ON
Figure 26. REF02 Load Transient Response
TIME (1ms/DIV)
LOAD = 5mA
VOUT 100mV/DIV
VIN 5V/DIV
LOAD OFF
LOAD ON
CLOAD = 100nF
Figure 27. REF02 Load Transient Response
TIME (4µs/DIV)
CIN = 0.01µF
NO LOAD CAPACITOR
VIN 10V/DIV
VOUT 5V/DIV
Figure 28. REF02 Turn-Off Response
TIME (4µs/DIV)
CIN = 0.01µF
NO LOAD CAPACITOR
VIN 10V/DIV
VOUT 5V/DIV
Figure 29. REF02 Turn-On Response
TIME (4µs/DIV)
CL = 0.01µF
NO INPUT CAPACITOR
VIN 10V/DIV
VOUT 5V/DIV
Figure 30. REF02 Turn-Off Response (No Input Capacitor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com