Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD633JRZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD633JRZ
Description  Low Cost Analog Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD633JRZ Datasheet HTML 9Page - Analog Devices AD633JRZ Datasheet HTML 10Page - Analog Devices AD633JRZ Datasheet HTML 11Page - Analog Devices AD633JRZ Datasheet HTML 12Page - Analog Devices AD633JRZ Datasheet HTML 13Page - Analog Devices AD633JRZ Datasheet HTML 14Page - Analog Devices AD633JRZ Datasheet HTML 15Page - Analog Devices AD633JRZ Datasheet HTML 16Page - Analog Devices AD633JRZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD633
Data Sheet
Rev. J | Page 12 of 20
AD633JN
X1
1
X2
2
Y1
3
Y2
4
+VS 8
W
7
Z
6
–VS 5
0.1µF
0.1µF
+15V
–15V
A1
0.1µF
0.1µF
0.1µF
+15V
+15V
+15V
–15V
8
3
1
2
1/2
AD712
AGC THRESHOLD
ADJUSTMENT
R2
1kΩ
R3
10kΩ
R4
10kΩ
C3
0.2µF
R10
10kΩ
R9
10kΩ
R8
50kΩ
1/2
AD712
A2
0.1µF
–15V
4
5
7
6
C2
0.02µF
C4
33µF
C1
1µF
1N4148
AD736
CC
1
VIN
2
CF
3
–VS
4
+VS
8
COMMON
OUTPUT
7
6
CAV 5
OUTPUT
LEVEL
ADJUST
R5
10kΩ
R6
1kΩ
EOUT
E
Figure 23. Connections for Use in Automatic Gain Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com