Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1980JST Datasheet(PDF) 21 Page - Analog Devices

Part # AD1980JST
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1980JST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1980JST Datasheet HTML 17Page - Analog Devices AD1980JST Datasheet HTML 18Page - Analog Devices AD1980JST Datasheet HTML 19Page - Analog Devices AD1980JST Datasheet HTML 20Page - Analog Devices AD1980JST Datasheet HTML 21Page - Analog Devices AD1980JST Datasheet HTML 22Page - Analog Devices AD1980JST Datasheet HTML 23Page - Analog Devices AD1980JST Datasheet HTML 24Page - Analog Devices AD1980JST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. 0
AD1980
–21–
CNT[5:0]
Center Volume Control
CM
Center Volume Mute. When this bit is set to “1,” the channel is muted.
LFE[5:0]
LFE Volume Control
LM
LFE Volume Mute. When this bit is set to “1,” the channel is muted.
CENTER/LFE Volume Control Register (Index 36h)
Reg
No. Name
D15 D14
D13
*
D12
D11
D10
D9
D8
D7
D6
D5
*
D4
D3
D2
D1
D0
Default
36h Center/LFE
LM
X
LFE5
LFE4
LFE3
LFE2
LFE1
LFE0
CM
X
CNT5 CNT4 CNT3 CNT2
CNT1 CNT0 8080h
Volume
All registers not shown and bits containing an X are assumed to be reserved.
Refer to Table VII for examples. This register controls the LFE output volume and mute bit. The volume registers contain five bit, generating
32 volume levels with 31 steps of 1.5 dB each. If MSPLT is not set, Bit D7 has no effect.
*Because AC ’97 defines 6-bit volume registers, to maintain compatibility, whenever the D5 or D13 bit is set to “1,” its respective lower five volume bits are automati-
cally set to “1” by the codec logic. On readback, all lower five bits will read “1”s whenever this bit is set to “1.”
Note that depending on the state of the AC97NC bit in register 76h, this register operates as follows:
For AC97NC = 0, the register controls the center and LFE output pin Attenuators. Range is 0 dB to –46.5 dB.
For AC97NC = 1, the register controls the center and LFE DAC Gain/Attenuators. Range is +12 dB to –34.5 dB.
Table VII. Settings for Center/LFE Register
Control Bits
CENTER and LFE Volume (36h)
CENTER D[5:0] and LFE D[13:8]
D15/D7
WRITE
READBACK
Function with AC97NC = 0
Function with AC97NC = 1
0
00 0000
00 0000
0 dB Gain
12 dB Gain
0
00 1111
00 1111
–22 dB Gain
–10.5 dB Gain
0
01 1111
01 1111
–46.5 dB Gain
–34.5 dB Gain
0
1x xxxx
01 1111
–46.5 dB Gain
Not Applicable
1
xx xxxx
xx xxxx
Muted
Muted
Surround Volume Control Register (Index 38h)
Reg
No.
Name
D15
D14 D13
* D12
D11
D10
D9
D8
D7
D6
D5
*
D4
D3
D2
D1
D0
Default
38h
Surround
MUTE_L X
LSR5 LSR4 LSR3 LSR2
LSR1 LSR0
MUTE_R X
RSR5 RSR4 RSR3 RSR2
RSR1
RSR0 8080h
Volume
*Refer to Table VIII for examples. This register controls the surround volume controls for both stereo channels and mute bits. Each volume subregister contains
five bits, generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility, whenever the D5 or
D13 Bit is set to 1, its respective lower five volume bits are automatically set to “1” by the coded logic. On readback , all lower five bits will read “1s” whenever
these bits are set to “1.”
Note that depending on the state of the AC97NC bit in Register 0x76, this register operates as follows:
For AC97NC = 0, the register controls the surround output pin Attenuators. Range is 0 dB to –46.5 dB.
For AC97NC = 1, the register controls the surround DAC Gain/Attenuators. Range is +12 dB to –34.5 dB.
RSR[5:0]
Right Surround Volume Control
MUTE_R
Right Surround Volume Mute. When this bit is set to “1,” the right channel is muted.
LSR[5:0]
Left Surround Volume Control
MUTE_L
Left Surround Volume Mute. When this bit is set to “1,” the left channel is muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com