Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5381BSTZ-5 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5381BSTZ-5
Description  40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381BSTZ-5 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5381BSTZ-5 Datasheet HTML 29Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 30Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 31Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 32Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 33Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 34Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 35Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 36Page - Analog Devices AD5381BSTZ-5 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
AD5381
Rev. D | Page 33 of 40
APPLICATION INFORMATION
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the ratedperformance. The printed circuit board on
which the AD5381 is mounted should be designed so that the
analog and digital sections are separatedand confined to
certain areas of the board. If the AD5381 is in a system where
multiple devices requirean AGND-to-DGNDconnection, the
connection should be made at onepoint only, a star ground
point established as close to the device as possible.
For supplies with multiple pins (AVDD, DVDD), thesepins
should be tied together. TheAD5381 should haveample supply
bypassing of 10 µF in parallel with 0.1 µF on each supply,
located as close to the package as possibleand ideally right
up against the device. The 10 µF capacitors are the tantalum
bead type. The 0.1 µF capacitor should havelow effective series
resistance (ESR)and effective series inductance (ESI), like the
common ceramictypes that providea low impedance path to
ground at high frequencies, to handletransient currents dueto
internal logic switching.
The power supplylines of the AD5381 should use as largea
trace as possible to providelow impedance paths and reduce
the effects of glitches on the power supply line. Fast switching
signals such as clocks should be shielded with digital ground
to avoid radiating noise to other partsof the board, andshould
never be run near the reference inputs.A ground line routed
between the D
IN and SCLK lines will help reduce crosstalk
between them(this is not required on a multilayerboard
because therewill be a separate ground plane, butseparat-
ing the lines will help). It is essential to minimize noise on
the REFOUT/REFIN line.
Avoid crossover of digital and analog signals. Traceson
opposite sides of the board should run at right angles to
each other. This reduces the effects of feedthrough through
the board. A micro-strip technique is by far the best, but is
not always possible with a double-sided board. In this tech-
nique, the component side of the boardis dedicated to the
ground plane while signal traces are placed on the solder side.
TYPICAL CONFIGURATIONCIRCUIT
Figure 39 shows a typical configuration for the AD5381-5
when configured for use with an external reference. In the
circuit shown, all AGND, SIGNAL_GND, and DAC_GND pins
are tied together to a common AGND. AGNDand DGNDare
connected togetherat the AD5381 device. On power-up, the
AD5381 defaults to external reference operation. All AVDD
lines are connected together and driven from the same5 V
source. It is recommended to decoupleclose to the device
with a 0.1 µF ceramicand a 10 µF tantalum capacitor. In this
application, the referencefor the AD5381-5 is provided
externally from eitheran ADR421 or ADR431 2.5 V reference.
Suitable external references for theAD5381-3 include the
ADR280 1.2 V reference. The reference should be decoupledat
the REFOUT/REFIN pin of the device with a 0.1 µF capacitor.
ADR431/
ADR421
AD5381-5
AVDD
DVDD
SIGNAL_GND
DAC_GND
DGND
VOUT39
VOUT0
AGND
REFOUT/REFIN
REFGND
0.1
µF
10
µF
0.1
µF
0.1
µF
AVDD
DVDD
Figure 39. Typical Configuration with External Reference
Figure 40 shows a typical configuration when using the internal
reference. On power-up, the AD5381 defaults to an external
reference; therefore, the internal reference needs to be config-
ured and turned on via a write to the AD5381 control register.
Control Register Bit CR10 allows the user to choosethe
referencevalue; Bit CR8 is used to select the internal reference.
It is recommended to use the 2.5 V reference when AVDD=
5 V, and the 1.25 V reference when AVDD= 3 V.
AD5381
AVDD
DVDD
SIGNAL_GND
DAC_GND
DGND
VOUT39
VOUT0
AGND
REFOUT/REFIN
REFGND
0.1
µF
10
µF
0.1
µF
0.1
µF
AVDD
DVDD
Figure 40. Typical Configuration with Internal Reference
Digital connections have been omitted forclarity. The AD5381
contains an internal power-on reset circuit with a 10 ms brown-
out time. If the power supply ramp rate exceeds10 ms, the user
should reset the AD5381 as part of the initialization process to
ensure the calibration datais loaded correctly into the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com