Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5643R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5643R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5643R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5643R Datasheet HTML 2Page - Analog Devices AD5643R Datasheet HTML 3Page - Analog Devices AD5643R Datasheet HTML 4Page - Analog Devices AD5643R Datasheet HTML 5Page - Analog Devices AD5643R Datasheet HTML 6Page - Analog Devices AD5643R Datasheet HTML 7Page - Analog Devices AD5643R Datasheet HTML 8Page - Analog Devices AD5643R Datasheet HTML 9Page - Analog Devices AD5643R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5623R/AD5643R/AD5663R
Data Sheet
Rev. F | Page 6 of 32
B Grade1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS3
Input Current
±2
µA
All digital inputs
VINL, Input Low Voltage
0.8
V
VDD = 3 V
VINH, Input High Voltage
2
V
VDD = 3 V
Pin Capacitance
3
pF
DIN, SCLK, and SYNC
19
pF
LDAC and CLR
POWER REQUIREMENTS
VDD
2.7
3.6
V
IDD (Normal Mode)4
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
200
425
µA
Internal reference off
VDD = 2.7 V to 3.6 V
800
900
µA
Internal reference on
IDD (All Power-Down Modes)5
VDD = 2.7 V to 3.6 V
0.2
1
µA
VIH = VDD and VIL = GND
1
Temperature range: B grade = −40°C to +105°C.
2
Linearity calculated using a reduced code range: AD5663R (Code 512 to Code 65,024), AD5643R (Code 128 to Code 16,256), and AD5623R (Code 32 to Code 4064).
Output unloaded.
3
Guaranteed by design and characterization, not production tested.
4
Interface inactive. All DACs active. DAC outputs unloaded.
5
Both DACs powered down.
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREFIN = VDD; all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
Output Voltage Settling Time
AD5623R
3
4.5
µs
¼ to ¾ scale settling to ±0.5 LSB
AD5643R
3.5
5
µs
¼ to ¾ scale settling to ±0.5 LSB
AD5663R
4
7
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
1.8
V/µs
Digital-to-Analog Glitch Impulse
10
nV-s
1 LSB change around major carry
Digital Feedthrough
0.1
nV-s
Reference Feedthrough
−90
dB
VREF = 2 V ± 0.1 V p-p, frequency 10 Hz to 20 MHz
Digital Crosstalk
0.1
nV-s
Analog Crosstalk
1
nV-s
External reference
4
nV-s
Internal reference
DAC-to-DAC Crosstalk
1
nV-s
External reference
4
nV-s
Internal reference
Multiplying Bandwidth
340
kHz
VREF = 2 V ± 0.1 V p-p
Total Harmonic Distortion
−80
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code = midscale, 1 kHz
100
nV/√Hz
DAC code = midscale, 10 kHz
Output Noise
15
μV p-p
0.1 Hz to 10 Hz
1
Guaranteed by design and characterization, not production tested.
2
See the Terminology section.
3
Temperature range: A, B grade = −40°C to +105°C, typical at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com