Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD72731 Datasheet(PDF) 21 Page - Analog Devices

Part # AD72731
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD72731 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD72731 Datasheet HTML 17Page - Analog Devices AD72731 Datasheet HTML 18Page - Analog Devices AD72731 Datasheet HTML 19Page - Analog Devices AD72731 Datasheet HTML 20Page - Analog Devices AD72731 Datasheet HTML 21Page - Analog Devices AD72731 Datasheet HTML 22Page - Analog Devices AD72731 Datasheet HTML 23Page - Analog Devices AD72731 Datasheet HTML 24Page - Analog Devices AD72731 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7273/AD7274
Rev. 0 | Page 20 of 28
POWER VS. THROUGHPUT RATE
Figure 34 shows the power consumption of the device in
normal mode, in which the part is never powered down. By
using the power-down mode of the AD7273/AD7274 when not
performing a conversion, the average power consumption of the
ADC decreases as the throughput rate decreases.
Figure 35 shows that as the throughput rate is reduced, the
device remains in its power-down state longer and the average
power consumption over time drops accordingly. For example,
if the AD7273/AD7274 are operated in continuous sampling
mode with a throughput rate of 200 kSPS and a SCLK of 48 MHz
(VDD = 3 V) and the devices are placed into power-down mode
between conversions, the power consumption is calculated as
follows. The power dissipation during normal operation is
11.6 mW (VDD = 3 V). If the power-up time is one dummy
cycle, that is, 333 ns, and the remaining conversion time is
290 ns, the AD7273/AD7274 can be said to dissipate 11.6 mW
for 623 ns during each conversion cycle. If the throughput rate
is 200 kSPS, the cycle time is 5 μs and the average power dissipated
during each cycle is 623/5,000 × 9.6 mW = 1.42 mW. Figure 35
shows the power vs. throughput rate when using the partial
power-down mode between conversions at 3 V. The power-
down mode is intended for use with throughput rates of less
than 600 kSPS, because at higher sampling rates there is no
power saving achieved by using the power-down mode.
THROUGHPUT (kSPS)
3.40
3.80
4.20
4.60
5.00
5.40
5.80
6.20
6.60
7.00
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 3V
48MHz SCLK
VARIABLE SCLK
Figure 34. Power vs. Throughput, Normal Mode
THROUGHPUT (kSPS)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
7.2
0
200
400
600
800
1000
VDD = 3V
Figure 35. Power vs. Throughput, Partial Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com