Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6658 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6658
Description  1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6658 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6658 Datasheet HTML 3Page - Exar Corporation XRP6658 Datasheet HTML 4Page - Exar Corporation XRP6658 Datasheet HTML 5Page - Exar Corporation XRP6658 Datasheet HTML 6Page - Exar Corporation XRP6658 Datasheet HTML 7Page - Exar Corporation XRP6658 Datasheet HTML 8Page - Exar Corporation XRP6658 Datasheet HTML 9Page - Exar Corporation XRP6658 Datasheet HTML 10Page - Exar Corporation XRP6658 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
X
XR
RP
P6
66
65
58
8
1
1A
A 1
1..5
5M
MH
Hz
z P
PF
FM
M/
/P
PW
WM
M S
Sy
yn
ncch
hrro
on
no
ou
us
s S
Stte
ep
p--D
Do
ow
wn
n C
Co
on
nv
ve
errtte
err
© 2011 Exar Corporation
7/11
Rev. 1.5.0
Fig. 16: Power On From EN Pin (IOUT=1A)
Fig. 17: Power On From EN Pin (IOUT=10mA)
Fig. 18: Power On From VIN (IOUT=1A)
Fig. 19: Power Off From EN (IOUT=1A)
Fig. 20: Load Step Response
VOUT=1.2V, IOUT From 50mA to 500mA
Fig. 21: Load Step Response
VOUT=1.2V, IOUT From 50mA to 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com