Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5245BRJZ100-R21 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5245BRJZ100-R21
Description  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJZ100-R21 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5245BRJZ100-R21 Datasheet HTML 10Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 11Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 12Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 13Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 14Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 15Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 16Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 17Page - Analog Devices AD5245BRJZ100-R21 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5245
Rev. B | Page 14 of 20
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A proportional to the input voltage at
A to B. Unlike the polarity of VDD to GND, which must be
positive, voltage across A to B, W to A, and W to B can be at
either polarity.
A
VI
W
B
VO
Figure 37. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for approximation,
then connecting the A terminal to 5 V and the B terminal to
ground produces an output voltage at the wiper-to-B starting at
0 V up to 1 LSB less than 5 V. Each LSB of voltage is equal to the
voltage applied across Terminal A and B divided by the 256
positions of the potentiometer divider. The general equation
defining the output voltage at VW with respect to ground for any
valid input voltage applied to Terminals A and B is
B
A
W
V
D
V
D
D
V
256
256
256
)
(
−
+
=
(3)
A more accurate calculation, which includes the effect of wiper
resistance, VW, is
B
AB
WA
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
)
(
)
(
)
(
+
=
(4)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistors, RWA and RWB, not the absolute
values. Therefore, the temperature drift reduces to 15 ppm/°C.
ESD PROTECTION
All digital inputs are protected with a series of input resistors and
parallel Zener ESD structures, shown in Figure 38 and Figure 39.
This applies to the digital input pins SDA, SCL, and AD0.
LOGIC
340Ω
GND
Figure 38. ESD Protection of Digital Pins
A, B, W
GND
Figure 39. ESD Protection of Resistor Terminals
TERMINAL VOLTAGE OPERATING RANGE
The AD5245 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer
operation. Supply signals present on Terminals A, B, and W that
exceed VDD or GND are clamped by the internal forward-biased
diodes (see Figure 40).
GND
A
W
B
VDD
Figure 40. Maximum Terminal Voltages Set by VDD and GND
POWER-UP SEQUENCE
Because the ESD protection diodes limit the voltage compliance
at Terminals A, B, and W (see Figure 40), it is important to
power VDD and GND before applying any voltage to Terminals
A, B, and W; otherwise, the diode is forward biased such that
VDD is powered unintentionally and can affect the rest of the
user’s circuit. The ideal power-up sequence is in the following
order: GND, VDD, digital inputs, and then VA, VB, and VW. The
relative order of powering VA, VB, VW, and the digital inputs is
not important as long as they are powered after VDD and GND.
LAYOUT AND POWER SUPPLY BYPASSING
It is good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with disk or chip ceramic
capacitors of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum
or electrolytic capacitors should also be applied at the supplies
to minimize any transient disturbance and low frequency ripple
(see Figure 41). Note that the digital ground should also be
joined remotely to the analog ground at one point to minimize
the ground bounce.
VDD
GND
VDD
C3
10µF
C1
0.1µF
AD5245
+
Figure 41. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com