Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7276 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7276
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7276 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7276 Datasheet HTML 9Page - Analog Devices AD7276 Datasheet HTML 10Page - Analog Devices AD7276 Datasheet HTML 11Page - Analog Devices AD7276 Datasheet HTML 12Page - Analog Devices AD7276 Datasheet HTML 13Page - Analog Devices AD7276 Datasheet HTML 14Page - Analog Devices AD7276 Datasheet HTML 15Page - Analog Devices AD7276 Datasheet HTML 16Page - Analog Devices AD7276 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7273/AD7274
Rev. 0 | Page 12 of 28
–70
–110
0
3000
SUPPLY RIPPLE FREQUENCY (MHz)
–80
–90
–100
500
1000
1500
2000
2500
100mV p-p SINE WAVE ON AVDD
NO DECOUPLING
Figure 16. Power Supply Rejection Ratio (PSRR) vs. Supply Ripple
Frequency Without Decoupling
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
3500
3000
2500
2000
1500
1000
500
CODES
VDD = 3V
Figure 17. AD7274 INL Performance
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4000
3500
3000
2500
2000
1500
1000
500
CODES
VDD = 3V
Figure 18. AD7274 DNL Performance
1.0
–1.0
1.4
3.6
REFERENCE VOLTAGE (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
POSITIVE INL
NEGATIVE INL
Figure 19. Change in INL vs. Reference Voltage, 3 V Supply
1.0
–1.0
1.4
3.6
REFERENCE VOLTAGE (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
POSITIVE DNL
NEGATIVE DNL
Figure 20. Change in DNL vs. Reference Voltage, 3 V Supply
3.60
3.40
3.20
3.00
2.80
2.60
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0
50
40
30
20
10
SCLK FREQUENCY (MHz)
VDD = 2.5V
VDD = 3.6V
VDD = 3V
Figure 21. Maximum Current vs. Supply Voltage
for Different SCLK Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com