Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7690 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7690
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 3 Page - Analog Devices

  AD7690 Datasheet HTML 1Page - Analog Devices AD7690 Datasheet HTML 2Page - Analog Devices AD7690 Datasheet HTML 3Page - Analog Devices AD7690 Datasheet HTML 4Page - Analog Devices AD7690 Datasheet HTML 5Page - Analog Devices AD7690 Datasheet HTML 6Page - Analog Devices AD7690 Datasheet HTML 7Page - Analog Devices AD7690 Datasheet HTML 8Page - Analog Devices AD7690 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7686
Rev. B | Page 3 of 28
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, TA = –40°C to +85°C, unless otherwise noted.
Table 2.
B Grade
C Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
16
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
VREF
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VDD + 0.1
−0.1
VDD + 0.1
V
IN−
−0.1
+0.1
−0.1
+0.1
V
Analog Input CMRR
fIN = 200 kHz
65
65
dB
Leakage Current @ 25°C
Acquisition phase
1
1
nA
Input Impedance
See the Analog Input
section
See the Analog Input
section
ACCURACY
No Missing Codes
16
16
Bits
Differential Linearity Error
−1
±0.7
−1
±0.5
+1.5
LSB1
Integral Linearity Error
−3
±1
+3
−2
±0.6
+2
LSB1
Transition Noise
REF = VDD = 5 V
0.5
0.45
LSB1
Gain Error2, TMIN to TMAX
±2
±8
±2
±6
LSB1
Gain Error Temperature Drift
±0.3
±0.3
ppm/°C
Offset Error2, TMIN to TMAX
±0.1
±1.6
±0.1
±1.6
mV
Offset Temperature Drift
±0.3
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V
± 5%
±0.05
±0.05
LSB1
THROUGHPUT
Conversion Rate
0
500
0
500
kSPS
Transient Response
Full-scale step
400
400
ns
AC ACCURACY
Signal-to-Noise Ratio
fIN = 20 kHz, VREF = 5 V
89
92
91
92.7
dB3
fIN = 20 kHz, VREF = 2.5 V
87.5
88
dB2
Spurious-Free Dynamic Range
fIN = 20 kHz
−106
−110
dB2
Total Harmonic Distortion
fIN = 20 kHz
−106
−110
dB2
Signal-to-(Noise + Distortion)
fIN = 20 kHz, VREF = 5 V
89
92
91
92.5
dB2
fIN = 20 kHz, VREF = 5 V, −60 dB input
32
33.5
dB2
Intermodulation Distortion4
−110
−115
dB2
1 LSB means least significant bit. With the 5 V input range, 1 LSB is 76.3 μV.
2 See the Terminology section. These specifications do include full temperature range variation, but do not include the error contribution from the external reference.
3 All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
4 fIN1 = 21.4 kHz, fIN2 = 18.9 kHz, each tone at −7 dB below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com