Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5282BRUZ200-R72 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5282BRUZ200-R72
Description  Single/Dual,15 V/5 V,256-Position I2C-Compatible Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5282BRUZ200-R72 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5282BRUZ200-R72 Datasheet HTML 20Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 21Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 22Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 23Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 24Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 25Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 26Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 27Page - Analog Devices AD5282BRUZ200-R72 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5280/AD5282
Rev. C | Page 25 of
28
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
OUTLINE DIMENSIONS
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
SEATING
PLANE
COPLANARITY
0.10
Figure 66. 14-Lead Thin Shrink Small Outline Package (TSSOP)
(RU-14)
Dimensions shown in millimeters
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.15
0.05
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 67. 16-Lead Thin Shrink Small Outline Package (TSSOP)
(RU-16)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com