Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRM2512-FW-R100ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRM2512-FW-R100ELF
Description  CRM2512 - Pulse Resistant Power Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRM2512-FW-R100ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRM2512-FW-R100ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRM2512-FW-R100ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRM2512-FW-R100ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ Thick film technology
■ Power rating of 2 watts at 70 °C
■ RoHS compliant*
Applications
■ Power supplies
■ Stepper motor drives
CRM2512 - Pulse Resistant Power Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
General Information
The Bourns® CRM2512 Series is a
thick- film power resistor with a rating of
2 watts in a standard 2512 chip format.
This product has a very wide resistance
range making it suitable for different
applications in power supply circuits
including current sensing and inrush
current limiting.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Product Dimensions
Derating Curve
Characteristic Data
Test
ΔR Max.
Load Life (1000 hours)
1 % Tolerance
< 1 %
5 % Tolerance
< 3 %
Short Term Overload
1 % Tolerance
< 1 %
5 % Tolerance
< 2 %
Thermal Shock
1 % Tolerance
< 0.5 %
5 % Tolerance
< 1 %
6.3 ± 0.20
(0.248 ± 0.008)
TOP SIDE
3.1 ± 0.20
(0.122 ± 0.008)
0.6 ± 0.20
(0.024 ± 0.008)
0.6 ± 0.20
(0.024 ± 0.008)
1.8 ± 0.20
(0.070 ± 0.008)
Ambient Temperature (°C)
70
155
100
-55
Recommended Solder Pad Layout
Soldering Profile
50
100
150
200
250
90 ± 30 seconds
Pre-heating Zone
150 °C
230 °C or higher
Peak 260 +5/-0 °C
180 °C
30 ± 10 seconds
Heating Time
Soldering Zone
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
Notes:
(1) CRM2512 2 W loading with total solder pad and trace size of 300 mm2.
(2) E = (PxR)1/2
E: Working Voltage (V); P: Rated Power (W); R: Resistance Value (
Ω)
(3) Jumper (0
Ω): Rated current 6 A maximum with 300 mm2 pad.
Characteristic
Model
CRM2512
(0.110 to 0.91
Ω)
Model
CRM2512
(0
Ω, 1.0 Ω to 1.0 MΩ)
Power Rating @ 70 °C
2 W
Operating Temp. Range
-55 °C to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
1349 mV
300 V
Maximum Overload Voltage
2698 mV
600 V
Insulation Resistance
> 1000 M
Ω
Resistance Range
0.110 - 0.91
Ω
(E24 Values)
0
Ω,
1.0 - 1 M
Ω
(E24 Values)
1
Ω - 9.1 Ω
(E24 Values)
10
Ω - 1 MΩ
(E96 Values)
Resistance Tolerance
±1 % & ±5 %
±5 %
±1 %
Temperature Coefficient
±100 PPM/°C
±200 PPM/°C
±100 PPM/°C
7.6
(.299)
3.7
(.146)
2.45
(.096)


Similar Part No. - CRM2512-FW-R100ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRM2512-FW-R100ELF BOURNS-CRM2512-FW-R100ELF Datasheet
294Kb / 3P
CRM2512 - Pulse Resistant Power Resistor
CRM2512-FW-R100ELF BOURNS-CRM2512-FW-R100ELF Datasheet
294Kb / 3P
Pulse Resistant Power Resistor
More results

Similar Description - CRM2512-FW-R100ELF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Bourns Electronic Solut...
CRM BOURNS-CRM Datasheet
294Kb / 3P
CRM2512 - Pulse Resistant Power Resistor
CRM2512-FT-1202ELF BOURNS-CRM2512-FT-1202ELF Datasheet
225Kb / 2P
CRM2512-FT Series Power Resistor
CRM2512-FX-R100ELF BOURNS-CRM2512-FX-R100ELF Datasheet
294Kb / 3P
Pulse Resistant Power Resistor
logo
Vishay Siliconix
RCA-HPE3 VISHAY-RCA-HPE3 Datasheet
149Kb / 10P
Sulfur Resistant, Pulse Proof, High Power Thick Film Chip Resistors
14-Sep-16
logo
Riedon Powertron
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Vishay Siliconix
RCA-HPE3 VISHAY-RCA-HPE3_V01 Datasheet
162Kb / 10P
Sulfur Resistant, Pulse Proof, High Power Thick Film Chip Resistors
16-Jan-2020
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
WWP SEI-WWP Datasheet
355Kb / 5P
Pulse Withstanding Wirewound Resistor
5/24/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com