Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5545 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5545
Description  Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5545 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5545 Datasheet HTML 9Page - Analog Devices AD5545 Datasheet HTML 10Page - Analog Devices AD5545 Datasheet HTML 11Page - Analog Devices AD5545 Datasheet HTML 12Page - Analog Devices AD5545 Datasheet HTML 13Page - Analog Devices AD5545 Datasheet HTML 14Page - Analog Devices AD5545 Datasheet HTML 15Page - Analog Devices AD5545 Datasheet HTML 16Page - Analog Devices AD5545 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD5547/AD5557
Rev. D | Page 13 of 20
DIGITAL SECTION
The AD5547/AD5557 have 16-/14-bit parallel inputs. The devices
are double buffered with 16-/14-bit registers. The double buffered
feature allows the simultaneous update of several AD5547s/
AD5557s. For the AD5547, the input register is loaded directly
from a 16-bit controller bus when WR is brought low. The DAC
register is updated with data from the input register when LDAC
is brought high. Updating the DAC register updates the DAC
output with the new data (see Figure 18). To make both registers
transparent, tie WR low and LDAC high. The asynchronous RS
pin resets the part to zero scale if MSB = 0 and to midscale if
MSB = 1.
ESD Protection Circuits
All logic input pins contain back-biased ESD protection Zeners
connected to ground (DGND) and VDD, as shown in Figure 19.
As a result, the voltage level of the logic input should not be
greater than the supply voltage.
5kΩ
DIGITAL
INPUTS
DGND
VDD
Figure 19. Equivalent ESD Protection Circuits
Amplifier Selection
In addition to offset voltage, the bias current is important in
op amp selection for precision current output DACs. A 30 nA
input bias current in the op amp contributes to 1 LSB in the
full-scale error of the AD5547. The OP1177 and AD8628 op
amps are good candidates for the I-to-V conversion.
Reference Selection
The initial accuracy and rated output of the voltage reference
determine the full-span adjustment. The initial accuracy of
the reference is usually a secondary concern because it can be
trimmed. Figure 25 shows an example of a trimming circuit.
The zero-scale error can also be minimized by standard op amp
nulling techniques.
The voltage reference temperature coefficient (TC) and long-
term drift are primary considerations. For example, a 5 V
reference with a TC of 5 ppm/°C means the output changes by
25 µV/°C. As a result, a reference operating at 55°C contributes
an additional 750 µV full-scale error.
Similarly, the same 5 V reference with a ±50 ppm long-term
drift means the output may change by ±250 µV over time.
Therefore, it is practical to calibrate a system periodically to
maintain its optimum precision.
PCB LAYOUT, POWER SUPPLY BYPASSING, AND
GROUND CONNECTIONS
It is a good practice to employ a compact, minimum lead length,
PCB layout design. The leads to the input should be as short as
possible to minimize IR drop and stray inductance.
The PCB metal traces between VREF and RFB should also be
matched to minimize gain error.
It is also essential to bypass the power supply with quality
capacitors for optimum stability. Supply leads to the device
should be bypassed with 0.01 µF to 0.1 µF disc or chip ceramic
capacitors. Low ESR 1 µF to 10 µF tantalum or electrolytic
capacitors should also be applied at the supply in parallel with
the ceramic capacitor to minimize transient disturbance and
filter out low frequency ripple.
To minimize the digital ground bounce, the AD5547/AD5557
DGND terminal should be joined with the AGND terminal at
a single point. Figure 20 illustrates the basic supply bypassing
configuration and AGND/DGND connection for the
AD5547/AD5557.
VDD
AGND
DGND
C1
C2
5V
+
–
1µF
0.1µF
AD5547/AD5557
Figure 20. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com