Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVH252009-R47M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CVH252009-R47M
Description  CVH252009 Series Multilayer Power Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CVH252009-R47M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CVH252009-R47M Datasheet HTML 1Page - Bourns Electronic Solutions CVH252009-R47M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06/12
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CVH252009 Series Multilayer Power Chip Inductors
Packaging Specifications
L vs. Idc
L vs. Frequency
10
1
0.1
1
10
100
DC Current (mA)
1000
10000
-1R0M
-1R5M
-2R2M
-3R3M
-R47M
-4R7M
L
-3R3M
10
1
0.1
1
10
100
Frequency (MHz)
-1R0M
-1R5M
-4R7M
-R47M
L
-2R2M
9.0 ± 0.5
(.354 ± .020)
12.0 ± 0.15
(.472 ± .006)
2.0
± 0.5
(.079
± .020)
60.0 +0.5/-0.0
(2.362 +.020/-0)
178 ± 1.0
(7.008 ± .039)
DIA.
DIA.
13.0 ± 0.2
(.512 ± .008)
DIA.
13.0 ± 0.2
(.512 ± .008)
USER DIRECTION OF FEED
200
(7.874)
MIN.
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.748)
MIN.
START
4.00 ± 0.1
(.157 ± .004)
4.00 ± 0.1
(.157 ± .004)
2.00 ± 0.1
(.079 ± .004)
1.55 ± 0.05
(.061 ± .002)
DIA.
1.00 ± 0.05
(.039 ± .002)
DIA.
4.00 ± 0.1
(.157 ± .004)
END
0.22 ± 0.05
(.009 ± .002)
8.00 ± 0.1
(.315 ± .004)
2.80 ± 0.1
(.110 ± .004)
1.75 ± 0.1
(.069 ± .004)
3.5 ± 0.1
(.138 ± .004)
1.35 ± 0.1
(.053 ± .004)
DIMENSIONS:
MM
(INCHES)
3000 PCS. PER REEL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com