Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8145WYCPZ-R72 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8145WYCPZ-R72
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8145WYCPZ-R72 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8145WYCPZ-R72 Datasheet HTML 16Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 17Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 18Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 19Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 20Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 21Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 22Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 23Page - Analog Devices AD8145WYCPZ-R72 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8145
Rev. A | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.45
3.30 SQ
3.15
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 45. 32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8145YCPZ-R2
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-3
AD8145YCPZ-RL
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-3
AD8145YCPZ-R7
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-3
AD8145WYCPZ-R72
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-32-3
1 Z = RoHS Compliant Part.
2 W = automotive qualified product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com