Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8553
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8553 Datasheet HTML 2Page - Analog Devices AD8553 Datasheet HTML 3Page - Analog Devices AD8553 Datasheet HTML 4Page - Analog Devices AD8553 Datasheet HTML 5Page - Analog Devices AD8553 Datasheet HTML 6Page - Analog Devices AD8553 Datasheet HTML 7Page - Analog Devices AD8553 Datasheet HTML 8Page - Analog Devices AD8553 Datasheet HTML 9Page - Analog Devices AD8553 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8553
Rev. A | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, G = 100, unless specified, see Table 5 for gain setting resistor values. Filters as noted are the combination of R2/C2 and R3/C3
as in Figure 31.
80
60
40
20
0
–20
–40
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
VCC = 1.8V AND 5V
FILTER = 1kHz
Figure 2. Gain vs. Frequency
180
20
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
GAIN = 100
GAIN = 1
GAIN = 10
VCC = 5V
FILTER = 1kHz
Figure 3. Common-Mode Rejection (CMR) vs. Frequency
160
10
10
100
1k
10k
100k
FREQUENCY (Hz)
20
40
60
80
100
120
140
GAIN = 1
GAIN = 10
GAIN = 100
FILTER = 10kHz
FILTER = 1kHz
VCC =5V AND 1.8V
Figure 4. Power Supply Rejection vs. Frequency
80
–40
10
100
1k
10k
100k
FREQUENCY (Hz)
–20
0
20
40
60
GAIN = 1000
GAIN = 1
GAIN = 10
GAIN = 100
VCC = 1.8V AND 5V
FILTER = 10kHz
Figure 5. Gain vs. Frequency
180
20
10
100
1k
10k
100k
FREQUENCY (Hz)
40
60
80
100
120
140
160
GAIN = 100
GAIN = 1
GAIN = 10
VCC = 5V
FILTER = 10kHz
Figure 6. Common-Mode Rejection (CMR) vs. Frequency
10k
1
0.01
100
10
1
0.1
1k
10k
100k
FREQUENCY (Hz)
10
100
1k
GAIN = 1
GAIN = 10
GAIN = 100, 1000
Figure 7. Voltage Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com