Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4111BCP Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4111BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4111BCP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4111BCP Datasheet HTML 9Page - Analog Devices ADF4111BCP Datasheet HTML 10Page - Analog Devices ADF4111BCP Datasheet HTML 11Page - Analog Devices ADF4111BCP Datasheet HTML 12Page - Analog Devices ADF4111BCP Datasheet HTML 13Page - Analog Devices ADF4111BCP Datasheet HTML 14Page - Analog Devices ADF4111BCP Datasheet HTML 15Page - Analog Devices ADF4111BCP Datasheet HTML 16Page - Analog Devices ADF4111BCP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8348
Rev. A | Page 13 of 28
BASEBAND FREQUENCY (MHz)
10
020
22
26
24
28
30
32
30
40
50
60
70
80
90
100
5V, 1.2V, +25°C
5V, 1.2V, –40°C
2.7V, 1.2V, +25°C
5V, 1.2V, +85°C
2.7V, 1.2V, –40°C
2.7V, 1.2V, +85°C
Figure 24. IIP3 vs. FBB, VGIN = 1.2 V, FIF = 380 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C
BASEBAND FREQUENCY (MHz)
10
020
–20
–15
–10
–5
0
30
40
50
60
70
80
90
100
5V, 0.2V, +25°C
5V, 0.2V, –40°C
2.7V, 0.2V, –40°C
5V, 0.2V, +85°C
2.7V, 0.2V, +85°C
2.7V, 0.2V, +25°C
Figure 25. IIP3 vs. FBB, VGIN = 0.2 V, FIF = 380 MHz, VPOS = 2.7 V, 5 V,
Temperature = −40°C, +25°C, +85°C
IF FREQUENCY (MHz)
150
50
250
8
9
10
11
12
13
14
15
16
350
450
550
650
750
850
950
NF VGIN = 0.2V
Figure 26. Noise Figure vs. FIF, T = 25°C, VGIN = 0.2 V, FBB = 1 MHz
VGIN (V)
0.2
0.3
0.4
0
15
10
5
30
25
20
45
40
35
–10
5
0
–5
15
10
35
30
25
20
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NF
IIP3
Figure 27. Noise Figure and IIP3 vs. VGIN, Temperature = 25°C,
FIF = 380 MHz, FBB = 1 MHz, VPOS = 2.7 V
VGIN (V)
0.2
0.3
0.4
0
15
10
5
30
25
20
40
35
–10
5
0
–5
15
10
35
30
25
20
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
NF
IIP3
Figure 28. Noise Figure and IIP3 vs. VGIN, Temperature = 25°C,
FIF = 380 MHz, FBB = 1 MHz, VPOS = 5 V
LO INPUT LEVEL (V)
–12
–10
8
11
10
9
14
13
12
16
15
–2.0
–0.5
–1.0
–1.5
0
2.0
1.5
1.0
0.5
–8
–6
–4
–2
0
NF @ LO = 50MHz
NF @ LO = 380MHz
NF @ LO = 900MHz
PHASE ERROR 50MHz
PHASE ERROR 380MHz
PHASE ERROR 900MHz
Figure 29. Noise Figure and Quadrature Phase Error IMXO/QMXO vs. LO Input
Level, Temperature = 25°C, VGIN = 0.2 V, VPOS = 5 V for FIF = 50 MHz,
380 MHz, and 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com