Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8553ARMZ
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8553ARMZ Datasheet HTML 4Page - Analog Devices AD8553ARMZ Datasheet HTML 5Page - Analog Devices AD8553ARMZ Datasheet HTML 6Page - Analog Devices AD8553ARMZ Datasheet HTML 7Page - Analog Devices AD8553ARMZ Datasheet HTML 8Page - Analog Devices AD8553ARMZ Datasheet HTML 9Page - Analog Devices AD8553ARMZ Datasheet HTML 10Page - Analog Devices AD8553ARMZ Datasheet HTML 11Page - Analog Devices AD8553ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8553
Rev. A | Page 8 of 20
VCC = 5V
GAIN = 10
0
5.0
10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0
Figure 14. Input Offset Voltage (μV)
VCC = 5V
GAIN = 1
–50
–10
30
70
110
150
190
230
270
310
350
Figure 15. Input Offset Voltage (μV)
–250 –225 –200 –175 –150 –125 –100 –75
–50
–25
0
VCC = 5V
GAIN = 100
VCM = 12.125mV
Figure 16. Gain Error (m%)
VCC = 5V
GAIN = 10
0
0.03 0.06 0.09 0.12 0.15 0.18 0.21 0.24 0.27 0.30
Figure 17. Input Offset Voltage Drift (μV/°C)
VCC = 5V
GAIN = 1
0
0.30 0.60 0.90 1.20 1.50 1.80 2.10 2.40 2.70 3.00
Figure 18. Input Offset Voltage Drift (μV/°C)
VCC = 5V
GAIN = 100
VCM = 12.125mV
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Figure 19. Nonlinearity (m%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com