Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9833 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9833
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices AD9833 Datasheet HTML 19Page - Analog Devices AD9833 Datasheet HTML 20Page - Analog Devices AD9833 Datasheet HTML 21Page - Analog Devices AD9833 Datasheet HTML 22Page - Analog Devices AD9833 Datasheet HTML 23Page - Analog Devices AD9833 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD9833
Rev. E | Page 21 of 24
EVALUATION BOARD
The AD9833 evaluation board allows designers to evaluate the
high performance AD9833 DDS modulator with a minimum
of effort.
SYSTEM DEMONSTRATION PLATFORM
The system demonstration platform (SDP) is a hardware and
software evaluation tool for use in conjunction with product
evaluation boards. The SDP board is based on the Blackfin®
ADSP-BF527 processor with USB connectivity to the PC
through a USB 2.0 high speed port. For more information
about the SDP board, see the SDP board product page.
Note that the SDP board is sold separately from the AD9833
evaluation board.
AD9833 TO SPORT INTERFACE
The Analog Devices SDP board has a SPORT serial port that is
used to control the serial inputs to the AD9833. The connections
are shown in Figure 32.
AD9833
FSYNC
SDATA
SCLK
SPORT_TFS
SPORT_TSCLK
SPORT_DTO
ADSP-BF527
Figure 32. SDP to AD9833 Interface
EVALUATION KIT
The DDS evaluation kit includes a populated, tested AD9833
printed circuit board (PCB). The schematics of the evaluation
board are shown in Figure 34 and Figure 35.
The software provided in the evaluation kit allows the user to
easily program the AD9833 (see Figure 33). The evaluation soft-
ware runs on any IBM-compatible PC with Microsoft® Windows®
software installed (including Windows 7). The software is com-
patible with both 32-bit and 64-bit operating systems.
More information about the evaluation software is available on
the software CD and on the AD9833 product page.
Figure 33. AD9833 Evaluation Software Interface
CRYSTAL OSCILLATOR VS. EXTERNAL CLOCK
The AD9833 can operate with master clocks up to 25 MHz.
A 25 MHz oscillator is included on the evaluation board. This
oscillator can be removed and, if required, an external CMOS
clock can be connected to the part. Options for the general
oscillator include the following:
•
AEL 301-Series oscillators, AEL Crystals
•
SG-310SCN oscillators, Epson Electronics
POWER SUPPLY
Power to the AD9833 evaluation board can be provided from
the USB connector or externally through pin connections. The
power leads should be twisted to reduce ground loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com