Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP354 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP354
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP354 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP354 Datasheet HTML 4Page - Analog Devices ADCMP354 Datasheet HTML 5Page - Analog Devices ADCMP354 Datasheet HTML 6Page - Analog Devices ADCMP354 Datasheet HTML 7Page - Analog Devices ADCMP354 Datasheet HTML 8Page - Analog Devices ADCMP354 Datasheet HTML 9Page - Analog Devices ADCMP354 Datasheet HTML 10Page - Analog Devices ADCMP354 Datasheet HTML 11Page - Analog Devices ADCMP354 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCMP350/ADCMP354/ADCMP356
Rev. B | Page 10 of 12
OUTLINE DIMENSIONS
*PACKAGE OUTLINE CORRESPONDS IN FULL TO EIAJ SC82
EXCEPT FOR WIDTH OF PIN 2 AS SHOWN.
*0.70
0.50
0.10 MAX
1.00
0.80
1.10
0.80
0.40
0.10
0.18
0.10
0.30
0.10
2
1
3
4
0.50 BSC
0.65 BSC
2.20
1.80
2.40
1.80
1.35
1.15
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 22. 4-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding
ADCMP350YKS-REEL7
–40°C to +125°C
4-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-4
M0Z
ADCMP350YKSZ-REEL7
–40°C to +125°C
4-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-4
M55
ADCMP354YKS-REEL7
–40°C to +125°C
4-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-4
M13
ADCMP354YKSZ-REEL7
–40°C to +125°C
4-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-4
M56
ADCMP356YKS-REEL7
–40°C to +125°C
4-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-4
M15
ADCMP356YKSZ-REEL7
–40°C to +125°C
4-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-4
M8V
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com