Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16201CCCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16201CCCZ
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201CCCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16201CCCZ Datasheet HTML 4Page - Analog Devices ADIS16201CCCZ Datasheet HTML 5Page - Analog Devices ADIS16201CCCZ Datasheet HTML 6Page - Analog Devices ADIS16201CCCZ Datasheet HTML 7Page - Analog Devices ADIS16201CCCZ Datasheet HTML 8Page - Analog Devices ADIS16201CCCZ Datasheet HTML 9Page - Analog Devices ADIS16201CCCZ Datasheet HTML 10Page - Analog Devices ADIS16201CCCZ Datasheet HTML 11Page - Analog Devices ADIS16201CCCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
2.144
2.9
3.7
POWER SUPPLY (V)
2.174
2.170
2.165
2.161
2.157
2.153
2.148
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 5. Acceleration Sensitivity vs. Power Supply at 25°C
25
0
–150
150
(ppm/°C)
20
15
10
5
–120
–90
–60
–30
0
30
60
90
120
Figure 6. Acceleration Sensitivity Tempco Histogram at 3.3 V
2.132
–60
140
TEMPERATURE (°C)
2.192
2.183
2.175
2.166
2.158
2.149
2.141
–40
–20
0
20
40
60
80
100
120
Figure 7. Acceleration Sensitivity vs. Temperature at 3.3 V
140
0
(mg)
120
100
80
60
40
20
Figure 8. Acceleration Offset Distribution at 25°C/3.3 V/0 g
20
0
–200
200
(ppm/°C)
18
16
14
12
10
8
6
4
2
–160 –120
–80
–40
0
40
80
120
160
Figure 9. Acceleration Offset Tempco Histogram at 3.3 V
50
–50
2.9
3.7
POWER SUPPLY (V)
40
30
20
10
0
–10
–20
–30
–40
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 10. Acceleration Offset vs. Supply at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com