Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1275-3ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1275-3ACPZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-3ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1275-3ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM1275-3ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 19 of 48
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
IVCAP (µA)
+85°C
+25°C
–40°C
Figure 38. VCAP Voltage (VVCAP) vs. VCAP Load (IVCAP)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
–40
–20
20
40
60
0
80
TEMPERATURE (°C)
VCC = 12V
Figure 39. UV Threshold (UVTH) vs. Temperature
–40
TEMPERATURE (°C)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
VCC = 12V
–20
20
40
60
0
80
Figure 40. OV Threshold (OVTH) vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
–25
–20
–15
–10
–5
0
5
IADR (µA)
00 DECODE
01 DECODE
10 DECODE
11 DECODE
Figure 41. ADR Pin Voltage (VADR) vs. Current (IADR)
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
SENSE VOLTAGE (mV)
16× AVERAGING
128× AVERAGING
Figure 42. Worst-Case Current Sense Power Monitor Error vs. Current Sense
Voltage (VSENSE), 0°C to 65°C, VSENSE+ = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com