Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2537 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2537
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537 Datasheet(HTML) 3 Page - Analog Devices

  SSM2537 Datasheet HTML 1Page - Analog Devices SSM2537 Datasheet HTML 2Page - Analog Devices SSM2537 Datasheet HTML 3Page - Analog Devices SSM2537 Datasheet HTML 4Page - Analog Devices SSM2537 Datasheet HTML 5Page - Analog Devices SSM2537 Datasheet HTML 6Page - Analog Devices SSM2537 Datasheet HTML 7Page - Analog Devices SSM2537 Datasheet HTML 8Page - Analog Devices SSM2537 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
SSM2537
Rev. 0 | Page 3 of 16
SPECIFICATIONS
PVDD = 5.0 V, VDD = 1.8 V, fS = 128×, TA = 25°C, RL = 8 Ω + 33 µH, unless otherwise noted. When fS = 128×, PDM clock = 6.144 MHz;
when fS = 64×, PDM clock = 3.072 MHz.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power
P
O
f = 1 kHz, BW = 20 kHz
R
L = 4 Ω, THD = 1%, PVDD = 5.0 V
2.7
W
R
L = 8 Ω, THD = 1%, PVDD = 5.0 V
1.4
W
R
L = 4 Ω, THD = 1%, PVDD = 3.6 V
1.35
W
R
L = 8 Ω, THD = 1%, PVDD = 3.6 V
0.75
W
R
L = 4 Ω, THD = 1%, PVDD = 2.5 V
0.62
W
R
L = 8 Ω, THD = 1%, PVDD = 2.5 V
0.35
W
R
L = 4 Ω, THD = 10%, PVDD = 5.0 V
3.38
W
R
L = 8 Ω, THD = 10%, PVDD = 5.0 V
1.8
W
R
L = 4 Ω, THD = 10%, PVDD = 3.6 V
1.7
W
R
L = 8 Ω, THD = 10%, PVDD = 3.6 V
0.93
W
R
L = 4 Ω, THD = 10%, PVDD = 2.5 V
0.78
W
R
L = 8 Ω, THD = 10%, PVDD = 2.5 V
0.44
W
Total Harmonic Distortion Plus Noise
THD + N
f = 1 kHz
P
O = 100 mW into 8 Ω, PVDD = 3.6 V
0.005
%
P
O = 500 mW into 8 Ω, PVDD = 3.6 V
0.015
%
P
O = 1 W into 8 Ω, PVDD = 5.0 V
0.02
%
Efficiency
η
P
O = 2 W into 4 Ω, PVDD = 5.0 V
88
%
P
O = 1.4 W into 8 Ω, PVDD = 5.0 V
93
%
Average Switching Frequency
f
SW
No input
290
kHz
Closed-Loop Gain
Gain
−6 dBFS PDM input, BTL output, f = 1 kHz
Gain = 3.6 V
3.5
V
P
Gain = 5.0 V
4.78
V
P
Differential Output Offset Voltage
V
OOS
Gain = 3.6 V
0.5
mV
Low Power Mode Wake Time
t
WAKE
0.5
ms
Input Sampling Frequency
f
S
f
S = 64×
1.84
3.072
3.23
MHz
f
S = 128×
3.68
6.144
6.46
MHz
Propagation Delay
t
PD
f
S = 6.144 MHz, normal operation
35
µs
f
S = 6.144 MHz, low latency operation
15
µs
POWER SUPPLY
Supply Voltage Range
Amplifier Power Supply
PVDD
2.5
3.6
5.5
V
Digital Power Supply
VDD
1.65
1.8
1.95
V
Power Supply Rejection Ratio
PSRR
V
RIPPLE = 100 mV at 100 Hz
80
dB
V
RIPPLE = 100 mV at 1 kHz
80
dB
V
RIPPLE = 100 mV at 10 kHz
75
dB
Supply Current, H-Bridge
I
PVDD
Dither input, 8 Ω + 33 µH load
PVDD = 5.0 V, f
S = 64×
1.4
mA
PVDD = 5.0 V, f
S = 128×
1.4
mA
PVDD = 3.6 V, f
S = 64×
1.1
mA
PVDD = 3.6 V, f
S = 128×
1.2
mA
PVDD = 2.5 V, f
S = 64×
1.0
mA
PVDD = 2.5 V, f
S = 128×
1.1
mA
Standby Current
PVDD = 5.0 V
2.5
µA
Power-Down Current
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com