Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2537ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2537ACBZ-R7
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2537ACBZ-R7 Datasheet HTML 3Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 4Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 5Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 6Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 7Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 8Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 9Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 10Page - Analog Devices SSM2537ACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
SSM2537
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Function
Description
A1
PDAT
Input
PDM Data Signal.
A2
LRSEL
Input
Left/Right Channel Select. Tie to ground for left channel; pull up to VDD for right channel.
A3
OUT−
Output
Inverting Output.
B1
VDD
Supply
Digital Power, 1.8 V.
B2
PVDD
Supply
Amplifier Power, 2.5 V to 5.5 V.
B3
PGND
Ground
Amplifier Ground.
C1
PCLK
Input
PDM Interface Master Clock.
C2
GAIN_FS
Input
Gain and Sample Rate Selection Pin. (Connect to PVDD for typical operation.)
C3
OUT+
Output
Noninverting Output.
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
BALL A1
CORNER
A
3
2
1
B
C
PDAT
OUT–
LRSEL
VDD
PVDD
PGND
PCLK
GAIN_FS
OUT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com