Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8099
Description  Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8099 Datasheet HTML 9Page - Analog Devices AD8099 Datasheet HTML 10Page - Analog Devices AD8099 Datasheet HTML 11Page - Analog Devices AD8099 Datasheet HTML 12Page - Analog Devices AD8099 Datasheet HTML 13Page - Analog Devices AD8099 Datasheet HTML 14Page - Analog Devices AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADA4895-2
Rev. 0 | Page 13 of 24
0
1
2
3
4
5
6
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
G = +25.9
RF = 249Ω
RG = 10Ω
Figure 17. Input Voltage Noise vs. Frequency
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
TIME (5ns/DIV)
VS = ±1.5V
VS = ±2.5V
VS = ±5.0V
VOUT = 200mV p-p
Figure 18. Small Signal Transient Response for Various Supplies
0
1
2
3
4
5
6
7
8
9
10
VDRIFT (µV/°C)
–0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
AVERAGE = 154nV/°C
STANDARD DEVIATION = 184nV /°C
–40°C TO +125°C
Figure 19. Input Offset Voltage Drift Distribution
1
10
100
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
RF = 10kΩ
RG = 1.1kΩ
Figure 20. Input Current Noise vs. Frequency
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
TIME (5ns/DIV)
VOUT = 200mV p-p
CL = 5.6pF
CL = 3.3pF
CL = 0pF
Figure 21. Small Signal Transient Response for Various Capacitive Loads
TIME (5ns/DIV)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
G = +10
G = +20
VOUT = 2V p-p
Figure 22. Large Signal Transient Response for Various Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com