Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9237BCP-40EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9237BCP-40EB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9237BCP-40EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9237BCP-40EB Datasheet HTML 9Page - Analog Devices AD9237BCP-40EB Datasheet HTML 10Page - Analog Devices AD9237BCP-40EB Datasheet HTML 11Page - Analog Devices AD9237BCP-40EB Datasheet HTML 12Page - Analog Devices AD9237BCP-40EB Datasheet HTML 13Page - Analog Devices AD9237BCP-40EB Datasheet HTML 14Page - Analog Devices AD9237BCP-40EB Datasheet HTML 15Page - Analog Devices AD9237BCP-40EB Datasheet HTML 16Page - Analog Devices AD9237BCP-40EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 13 of 28
EVALUATION BOARD
The FIFO provides all of the support circuitry required to
accept two channels of an ADC’s digital parallel CMOS outputs.
Each of the various functions and configurations can be selected by
proper connection of various jumpers (see Table 5). When
using this in conjunction with an ADC evaluation board, it is
critical that the signal sources used for the analog input and
clock have very low phase noise (<1 ps rms jitter) to realize the
ultimate performance of the converter. Proper filtering of the
analog input signal to remove harmonics and lower the integrated
or broadband noise at the input is also necessary to achieve the
specified noise performance.
See Figure 5 to Figure 15 for complete schematics and layout plots.
POWER SUPPLIES
The FIFO board is supplied with a wall mount switching power
supply that provides a 6 V, 2 A maximum output. Connect the
supply to the rated 100 ac to 240 ac wall outlet at 47 Hz to 63 Hz.
The other end is a 2.1 mm inner diameter jack that connects to
the PCB at J301. On the PC board, the 6 V supply is then fused
and conditioned before connecting to the low dropout 3.3 V
linear regulator that supplies the proper bias to the entire board.
When operating the evaluation board in a non-default
condition, J316 can be removed to disconnect the switching
power supply. This enables the user to bias the board
independently. Use P302 to connect an independent supply to
the board. A 3.3 V supply is needed with at least a 1 A current
capability.
CONNECTION AND SETUP
The FIFO board has a 120-pin (40-pin, triple row) connector
that accepts two 16-bit channels of parallel CMOS inputs (see
Figure 6). For those ADC evaluation boards that have only an
80-pin (40-pin, double row) connector, it is pertinent for the
lower two rows of the FIFO’s triple row connector to be connected
in order for the data to pass to either FIFO channel correctly.
The top or third row is used to pass SPI signals across to the
adjacent ADC evaluation board that supports this feature.
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
BAND-PASS
FILTER
USB
CONNECTION
HSC-ADC-EVALB-DC
FIFO DATA
CAPTURE
BOARD
PC
RUNNING
ADC
ANALYZER
–+
3.3V
6V DC
2A MAX
WALL OUTLET
100V TO 240V AC
47Hz TO 63Hz
CHB
PARALLEL
CMOS
OUTPUTS
EVALUATION
BOARD
CHB
PARALLEL
CMOS
OUTPUTS
XFMR
INPUT
CLK
SWITCHING
POWER
SUPPLY
SPI
SPI
SPI
Figure 4. Example Setup Using Quad ADC Evaluation Board and FIFO Data Capture Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com