Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9243-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9243-EB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9243-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9243-EB Datasheet HTML 1Page - Analog Devices AD9243-EB Datasheet HTML 2Page - Analog Devices AD9243-EB Datasheet HTML 3Page - Analog Devices AD9243-EB Datasheet HTML 4Page - Analog Devices AD9243-EB Datasheet HTML 5Page - Analog Devices AD9243-EB Datasheet HTML 6Page - Analog Devices AD9243-EB Datasheet HTML 7Page - Analog Devices AD9243-EB Datasheet HTML 8Page - Analog Devices AD9243-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 5 of 28
FIFO 4.1 DATA CAPTURE BOARD FEATURES
6V SWITCHING
POWER SUPPLY
CONNECTION
ON BOARD +3.3V
REGULATOR
OPTIONAL POWER
CONNECTION
USB CONNECTION
TO COMPUTER
µCONTROLLER CRYSTAL
CLOCK = 24MHz,
OFF DURING
DATA CAPTURE
RESET SWITCH
WHEN ENCODE RATE
IS INTERRUPTED
OPTIONAL SERIAL
PORT INTERFACE
CONNECTOR
OPEN SOLDER MASK
ON ALL DATA AND
CLOCK LINES FOR
EASY PROBING
IDT72V283 32k
⋅
16-BIT 133MHz FIFO
120-CONNECTOR
(PARALLEL CMOS
INPUTS)
TIMING ADJUSTMENT
JUMPERS
IDT72V283 32k
⋅
16-BIT 133MHz FIFO
Figure 2. FIFO Components (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com